Electronic Components Datasheet Search
  English  ▼

X  

RT9741 Datasheet(PDF) 1 Page - Richtek Technology Corporation

Part # RT9741
Description  High-Side Power Switches
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9741 Datasheet(HTML) 1 Page - Richtek Technology Corporation

  RT9741 Datasheet HTML 1Page - Richtek Technology Corporation RT9741 Datasheet HTML 2Page - Richtek Technology Corporation RT9741 Datasheet HTML 3Page - Richtek Technology Corporation RT9741 Datasheet HTML 4Page - Richtek Technology Corporation RT9741 Datasheet HTML 5Page - Richtek Technology Corporation RT9741 Datasheet HTML 6Page - Richtek Technology Corporation RT9741 Datasheet HTML 7Page - Richtek Technology Corporation RT9741 Datasheet HTML 8Page - Richtek Technology Corporation RT9741 Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
RT9741
®
DS9741-01 March 2015
www.richtek.com
1
©
Copyright 2015 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
100m
Ω
Ω
Ω
Ω
Ω, 1.5A/0.7A High-Side Power Switches
General Description
The RT9741 is a cost-effective, low-voltage, single N-
MOSFET high-side Power Switch IC for USB application.
Low switch-on resistance (typ. 100m
Ω) and low supply
current (typ. 50
μA) are realized in this IC.
The RT9741 integrates an over-current protection circuit,
a short fold back circuit, a thermal shutdown circuit and
an under-voltage lockout circuit for overall protection.
Furthermore, the chip also integrates an embedded delay
function to prevent miss-operation from happening due to
inrush-current. The RT9741 is an ideal solution for USB
power supply and can support flexible applications since
it is available in the SOT-23-3 package.
Ordering Information
Features
100m
Ω
Ω
Ω
Ω
Ω (typ.) N-MOSFET Switch
Operating Range : 2.7V to 5.5V
Reverse Blocking Current
Under-Voltage Lockout
Thermal Protection with Foldback
Over-Current Protection
Short-Circuit Protection
RoHS Compliant and Halogen Free
Note :
Richtek products are :
RoHS compliant and compatible with the current require-
ments of IPC/JEDEC J-STD-020.
Suitable for use in SnPb or Pb-free soldering processes.
Marking Information
Simplified Application Circuit
VIN
GND
VOUT
RT9741
COUT
CIN
Supply Voltage
2.7V to 5.5V
VBUS
D+
D-
GND
Data
FB
FB
Applications
USB Peripherals
Notebook PCs
4F=DNN
4F= : Product Code
DNN : Date Code
RT9741AGV
4D=DNN
4D= : Product Code
DNN : Date Code
RT9741CGV
RT9741
Package Type
V : SOT-23-3
Lead Plating System
G : Green (Halogen Free and Pb Free)
Output Current
A : 1.5A
C : 0.7A


Similar Part No. - RT9741

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT9740A RICHTEK-RT9740A Datasheet
248Kb / 16P
Dual Channel, Ultra-Low Resistance Load Switch
RT9740AGQW RICHTEK-RT9740AGQW Datasheet
248Kb / 16P
Dual Channel, Ultra-Low Resistance Load Switch
RT9742 RICHTEK-RT9742 Datasheet
272Kb / 19P
The RT9742 is a cost-effective
RT9742AGJ5F RICHTEK-RT9742AGJ5F Datasheet
272Kb / 19P
The RT9742 is a cost-effective
RT9742ANGJ5F RICHTEK-RT9742ANGJ5F Datasheet
272Kb / 19P
The RT9742 is a cost-effective
More results

Similar Description - RT9741

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC94070 MICREL-MIC94070 Datasheet
807Kb / 11P
High Side Power Switches
MIC94060 MICREL-MIC94060_07 Datasheet
923Kb / 11P
High Side Power Switches
MIC94066-69 MICREL-MIC94066-69 Datasheet
876Kb / 10P
Dual High Side Power Switches
MIC94064 MICREL-MIC94064 Datasheet
578Kb / 8P
High Side Power Switches
logo
Unisonic Technologies
US94060 UTC-US94060 Datasheet
191Kb / 6P
HIGH SIDE POWER SWITCHES
US94061 UTC-US94061 Datasheet
193Kb / 6P
HIGH SIDE POWER SWITCHES
logo
Micrel Semiconductor
MIC94060 MICREL-MIC94060_10 Datasheet
684Kb / 11P
High Side Power Switches
logo
Unisonic Technologies
US94060 UTC-US94060_15 Datasheet
191Kb / 6P
HIGH SIDE POWER SWITCHES
US94061 UTC-US94061_15 Datasheet
193Kb / 6P
HIGH SIDE POWER SWITCHES
logo
Microchip Technology
MIC94060 MICROCHIP-MIC94060 Datasheet
1Mb / 22P
High Side Power Switches
09/14/21
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com