Electronic Components Datasheet Search
  English  ▼

X  

COP688EB Datasheet(PDF) 24 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # COP688EB
Description  8-Bit CMOS ROM Based Microcontrollers with 8k Memory, CAN Interface, 8-Bit A/D, and USART
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

COP688EB Datasheet(HTML) 24 Page - National Semiconductor (TI)

Back Button COP688EB Datasheet HTML 20Page - National Semiconductor (TI) COP688EB Datasheet HTML 21Page - National Semiconductor (TI) COP688EB Datasheet HTML 22Page - National Semiconductor (TI) COP688EB Datasheet HTML 23Page - National Semiconductor (TI) COP688EB Datasheet HTML 24Page - National Semiconductor (TI) COP688EB Datasheet HTML 25Page - National Semiconductor (TI) COP688EB Datasheet HTML 26Page - National Semiconductor (TI) COP688EB Datasheet HTML 27Page - National Semiconductor (TI) COP688EB Datasheet HTML 28Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 75 page
background image
Functional Block Description of the CAN Interface (Continued)
In the case of an interrupt driven CAN interface, the calcula-
tion of the actual t
LOAD time would be done as follows:
INT:
;Interrupt latency = 7tc=7µs
PUSH A
; 3tc=3µs
LD
A,B;2tc=2µs
PUSH A
; 3tc=3µs
VIS
;5tc=5µs
CANTX:
;20tc = µs to this point
•
;additional time for instructions
;which check
•
;status prior to reloading the
;transmit data
•
;registers with subsequent data
;bytes.
LD
TXD2,DATA
•
•
•
Interrupt driven programs use more time than programs
which poll the TBE flag, however programs which operate at
lower baud rates (which are more likely to be sensitive to this
issue) have more time for interrupt response.
Output Drivers/Input Comparators
The output drivers/input comparators are the physical inter-
face to the bus. Control bits are provided to TRI-STATE the
output drivers.
A dominant bit on the bus is represented as a “0” in the data
registers and a recessive bit on the bus is represented as a
“1” in the data registers.
TABLE 4. Bus Level Definition
Bus Level
Pin Tx0
Pin Tx1
Data
“dominant”
drive low
dirve high
0
(GND)
(V
CC)
“recessive”
TRI-STATE
TRI-STATE
1
Register Block
The register block consists of fifteen 8-bit registers which are
described in more detail in the following paragraphs.
Note: The contents of the receiver related registers RxD1, RxD2, RDLC,
RIDH and RTSTAT are only changed if a received frame passes the
acceptance filter or the Receive Identifier Acceptance Filter bit (RIAF)
is set to accept all received messages.
TRANSMIT DATA REGISTER 1 (TXD1)(Address X’00A0)
The Transmit Data Register 1 contains the first data byte to
be transmitted within a frame and then the successive odd
byte numbers (i.e., bytes number 1,3,..,7).
TRANSMIT DATA REGISTER 2 (TXD2)(Address X’00A1)
The Transit Data Register 2 contains the second data byte to
be transmitted within a frame and then the successive even
byte numbers (i.e., bytes number 2,4,..,8).
TRANSMIT DATA LENGTH CODE AND IDENTIFIER
LOW REGISTER (TDLC)(Address X’00A2)
TID3
TID2
TID1
TID0
TDLC3
TDLC2
TDLC1
TDLC0
Bit 7
Bit 0
This register is read/write.
TID3..TIDO
Transmit Identifier Bits 3..0 (lower 4 bits)
The transmit identifier is composed of eleven bits in total, bits
3 to 0 of the TID are stored in bits 7 to 4 of this register.
TDLC3..TDLC0 Transmit Data Length Code
These bits determine the number of data bytes to be trans-
mitted within a frame. The CAN specification allows a maxi-
mum of eight data bytes in any message.
TRANSMIT IDENTIFIER HIGH (TID)(Address X’00A3)
TRTR
TID10
TID9
TID8
TID7
TID6
TID5
TID4
Bit 7
Bit 0
This register is read/write.
TRTR
Transmit Remote Frame Request
This bit is set if the frame to be transmitted is a remote frame
request.
TID10..TID4
Transmit Identifier Bits 10 .. 4 (higher 7 bits)
Bits TID10..TID4 are the upper 7 bits of the 11 bit transmit
identifier.
RECEIVER DATA REGISTER 1 (RXD1)(Address X’00A4)
The Receive Data Register 1 (RXD1) contains the first data
byte received in a frame and then successive odd byte num-
bers (i.e., bytes 1, 3,..7). This register is read-only.
RECEIVE DATA REGISTER 2 (RXD2)(Address X’00A5)
The Receive Data Register 2 (RXD2) contains the second
data byte received in a frame and then successive even byte
numbers (i.e., bytes 2,4,..,8). This register is read-only.
DS012837-18
FIGURE 16. TBE Timing
www.national.com
24



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com