Electronic Components Datasheet Search
  English  ▼

X  

COP688EB Datasheet(PDF) 30 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # COP688EB
Description  8-Bit CMOS ROM Based Microcontrollers with 8k Memory, CAN Interface, 8-Bit A/D, and USART
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

COP688EB Datasheet(HTML) 30 Page - National Semiconductor (TI)

Back Button COP688EB Datasheet HTML 26Page - National Semiconductor (TI) COP688EB Datasheet HTML 27Page - National Semiconductor (TI) COP688EB Datasheet HTML 28Page - National Semiconductor (TI) COP688EB Datasheet HTML 29Page - National Semiconductor (TI) COP688EB Datasheet HTML 30Page - National Semiconductor (TI) COP688EB Datasheet HTML 31Page - National Semiconductor (TI) COP688EB Datasheet HTML 32Page - National Semiconductor (TI) COP688EB Datasheet HTML 33Page - National Semiconductor (TI) COP688EB Datasheet HTML 34Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 75 page
background image
Frame Formats (Continued)
DATA FIELD
The Data field consists of the data to be transferred within a
data frame. It can contain 0 to 8 bytes and each byte con-
tains 8 bits. A remote frame has no data field.
CRC FIELD
The CRC field consists of the CRC sequence followed by the
CRC delimiter. The CRC sequence is derived by the trans-
mitter from the modulo 2 division of the preceding bit fields,
starting with the SOF up to the end of the data field, exclud-
ing stuff-bits, by the generator polynomial:
χ15 + χ14 + χ10 + χ8 + χ7 + χ4 + χ3 +1
The remainder of this division is the CRC sequence transmit-
ted over the bus. On the receiver side the module divides all
bit fields up to the CRC delimiter, excluding stuff-bits, and
checks if the result is zero. This will then be interpreted as a
valid CRC. After the CRC sequence a single “recessive” bit
is transmitted as the CRC delimiter.
DS012837-21
DS012837-22
A remote frame is identical to a data frame, except that the RTR bit is “recessive”, and there is no data field.
IDE = Identifier Extension Bit
The IDE bit in the standard format is transmitted “dominant”, whereas in the extended format the IDE bit is “recessive” and the id is expanded to 29 bits.
r = recessive
d = dominant
FIGURE 19. CAN Data Transmission Frames
www.national.com
30



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com