Electronic Components Datasheet Search
  English  ▼

X  

COP688EB Datasheet(PDF) 28 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # COP688EB
Description  8-Bit CMOS ROM Based Microcontrollers with 8k Memory, CAN Interface, 8-Bit A/D, and USART
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

COP688EB Datasheet(HTML) 28 Page - National Semiconductor (TI)

Back Button COP688EB Datasheet HTML 24Page - National Semiconductor (TI) COP688EB Datasheet HTML 25Page - National Semiconductor (TI) COP688EB Datasheet HTML 26Page - National Semiconductor (TI) COP688EB Datasheet HTML 27Page - National Semiconductor (TI) COP688EB Datasheet HTML 28Page - National Semiconductor (TI) COP688EB Datasheet HTML 29Page - National Semiconductor (TI) COP688EB Datasheet HTML 30Page - National Semiconductor (TI) COP688EB Datasheet HTML 31Page - National Semiconductor (TI) COP688EB Datasheet HTML 32Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 75 page
background image
Functional Block Description of
the CAN Interface (Continued)
Bus synchronization of the device is this case is done in the
following way:
If the output was disabled (TxEN1, TxEN0 = “0”) and either
TxEN1 or TxEN0, or both are set to 1, the device will not start
transmission or reception of a frame until eleven consecutive
“recessive” bits have been received.
A “bus off” condition will also cause the output drivers Tx1
and Tx0 to be at TRI-STATE (independent of the status of
TxEN1 and TxEN0). The device will switch from “bus off” to
“error active” mode as described under the FMOD-bit de-
scription (see Can Bus Control register). This will ensure that
the device is synchronized to the bus, before starting to
transmit or receive.
For information on bus synchronization and status of the
CAN related registers after external reset refer to the RESET
section.
ON-CHIP VOLTAGE REFERENCE
The on-chip voltage reference is a ratiometric reference. For
electrical characteristics of the voltage reference refer to the
electrical specifications section.
ANALOG SWITCHES
Analog switches are used for selecting between Rx0 and
V
REF and between Rx1 and VREF.
Basic CAN Concepts
The following paragraphs provide a generic overview of the
basic concepts of the Controller Area Network (CAN) as de-
scribed in
Chapter 4 of ISO/DIS11519-1. Implementation re-
lated issues of the National Semiconductor device will be
discussed as well.
This device will process standard frame format only. Ex-
tended frame formats will be acknowledged, however the
data will be discarded. For this reason the description of
frame formats in the following section will cover only the
standard frame format.
The following section provides some more detail on how the
device will handle received extended frames:
If the device’s remote identifier acceptance filter bit (RIAF) is
set to “1”, extended frame messages will be acknowledged.
However, the data will be discarded and the device will not
reply to a remote transmission request received in extended
frame format. If the device’s RIAF bit is set to “0”, the upper
7 received ID bits of an extended frame that match the de-
vice’s receive identifier (RID) acceptance filtler bits, are
stroed in the device’s RID register. However, the device does
not reply to an RTR and any data is discarded. The device
will only acknowledge the message.
MULTI-MASTER PRIORITY BASED BUS ACCESS
The CAN protocol is message based protocol that allows a
total of 2032 (= 2
11 −16) different messages in the standard
format and 512 million (= 2
29 −16) different messages in the
extended frame format.
MULTICAST FRAME TRANSFER BY
ACCEPTANCE FILTERING
Every CAN Frame is put on the common bus. Each module
receives every frame and filters out the frames which are not
required for the module’s task.
REMOTE DATA REQUEST
A CAN master module has the ability to set a specific bit
called the “remote transmission request bit” (RTR) in a
frame. This causes another module, either another master or
a slave, to transmit a data frame after the current frame has
been completed.
SYSTEM FLEXIBILITY
Additional modules can be added to an existing network
without a configuration change. These modules can either
perform completely new functions requiring new data or pro-
cess existing data to perform a new function.
SYSTEM WIDE DATA CONSISTENCY
As the CAN network is message oriented, a message can be
used like a variable which is automatically updated by the
controlling processor. If any module cannot process informa-
tion it can send an overload frame. The device is incapable
of initiating an overload frame, but will join a overload frame
initiated by another device as required by CAN specifica-
tions.
NON-DESTRUCTIVE CONTENTION-BASED
ARBITRATION
The CAN protocol allows several transmitting modules to
start a transmission at the same time as soon as they moni-
tor the bus to be idle. During the start of transmission every
node monitors the bus line to detect whether its message is
overwritten by a message with a higher priority. As soon as a
transmitting module detects another module with a higher
priority accessing the bus, it stops transmitting its own frame
and switches to receive mode. For illustration see
Figure 18.
AUTOMATIC RETRANSMISSION OF FRAMES
If a data or remote frame is overwritten by either a higher-
prioritized data frame, remote frame or an error frame, the
transmitting module will automatically retransmit it. This de-
vice will handle the automatic retransmission of up to two
data bytes automatically. Messages with more than 2 data
bytes require the user’s software to update the transmit reg-
isters.
ERROR DETECTION AND ERROR SIGNALING
All messages on the bus are checked by each CAN node
and acknowledge if they are correct. If any node detects an
error it starts the transmission of an error frame.
Switching Off Defective Nodes
There are two error counters, one for transmitted data and
one for received data, which are incremented, depending on
the error type, as soon as an error occurs. If either counter
goes beyond a specific value the node goes to an error state.
A valid frame causes the error counters to decrease.
The device can be in one of three states with respect to error
handling:
•
Error active
An error active unit can participate in bus communication
and sends an active (“dominant”) error flag.
•
Error passive
An error passive unit can participate in bus communica-
tion. However, if the unit detects an error it is not allowed
to send an active error flag. The unit sends only a passive
(“recessive”) error flag.
www.national.com
28



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com