Electronic Components Datasheet Search
  English  ▼

X  

COP688EB Datasheet(PDF) 31 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # COP688EB
Description  8-Bit CMOS ROM Based Microcontrollers with 8k Memory, CAN Interface, 8-Bit A/D, and USART
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

COP688EB Datasheet(HTML) 31 Page - National Semiconductor (TI)

Back Button COP688EB Datasheet HTML 27Page - National Semiconductor (TI) COP688EB Datasheet HTML 28Page - National Semiconductor (TI) COP688EB Datasheet HTML 29Page - National Semiconductor (TI) COP688EB Datasheet HTML 30Page - National Semiconductor (TI) COP688EB Datasheet HTML 31Page - National Semiconductor (TI) COP688EB Datasheet HTML 32Page - National Semiconductor (TI) COP688EB Datasheet HTML 33Page - National Semiconductor (TI) COP688EB Datasheet HTML 34Page - National Semiconductor (TI) COP688EB Datasheet HTML 35Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 75 page
background image
Frame Formats (Continued)
ACK FIELD
The ACK field is two bits long and contains the ACK slot and
the ACK delimiter. The ACK slot is filled with a “recessive” bit
by the transmitter. This bit is overwritten with a “dominant” bit
by every receiver that has received a correct CRC se-
quence. The second bit of the ACK field is a “recessive” bit
called the acknowledge delimiter. As a consequence the ac-
knowledge flag of a valid frame is surrounded by two “reces-
sive” bits, the CRC-delimiter and the ACK delimiter.
EOF FIELD
The End of Frame Field closes a data and a remote frame. It
consists of seven “recessive” bits.
INTERFRAME SPACE
Data and remote frames are separate from every preceding
frame (data, remote, error and overload frames) by the inter-
frame space see
Figure 22 and Figure 23 for details. Error
and overload frames are not preceded by an interframe
space. They can be transmitted as soon as the condition oc-
curs. The interframe space consists of a minimum of three
bit fields depending on the error state of the node.
These bit fields are coded as follows:
The intermission has the fixed form of three “recessive” bits.
While this bit field is active, no node is allowed to start a
transmission of a data or a remote frame. The only action to
be taken is signaling an overload condition. This means that
an error in this bit field would be interpreted as an overload
condition. Suspend transmission has to be inserted by error-
passive nodes that were transmitter for the last message.
This bit field has the form of eight “recessive” bits. However,
it may be overwritten by a “dominant” start-bit from another
non error passive node which starts transmission. The bus
idle field consists of “recessive” bits. Its length is not speci-
fied and depends on the bus load.
DS012837-23
An error frame can start anywhere in the middle of a frame.
DS012837-24
INT = Intermission
Suspend Transmission is only for error passive nodes.
DS012837-25
An overload frame can only start at the end of a frame.
FIGURE 20. CAN Control Frames
DS012837-26
FIGURE 21. CAN Frame Format
www.national.com
31



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com