Electronic Components Datasheet Search
  English  ▼

X  

COP688EB Datasheet(PDF) 33 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # COP688EB
Description  8-Bit CMOS ROM Based Microcontrollers with 8k Memory, CAN Interface, 8-Bit A/D, and USART
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

COP688EB Datasheet(HTML) 33 Page - National Semiconductor (TI)

Back Button COP688EB Datasheet HTML 29Page - National Semiconductor (TI) COP688EB Datasheet HTML 30Page - National Semiconductor (TI) COP688EB Datasheet HTML 31Page - National Semiconductor (TI) COP688EB Datasheet HTML 32Page - National Semiconductor (TI) COP688EB Datasheet HTML 33Page - National Semiconductor (TI) COP688EB Datasheet HTML 34Page - National Semiconductor (TI) COP688EB Datasheet HTML 35Page - National Semiconductor (TI) COP688EB Datasheet HTML 36Page - National Semiconductor (TI) COP688EB Datasheet HTML 37Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 75 page
background image
Frame Formats (Continued)
OVERLOAD FRAME
Like an error frame, an overload frame consists of two bit
fields: the overload flag and the overload delimiter. The bit
fields have the same length as the error frame field: six bits
for the overload flag and eight bits for the delimiter. The over-
load frame can only be sent after the end of frame (EOF)
field and in they way destroys the fixed form of the intermis-
sion field.
DS012837-29
module 1 = error active transmitter detects bit error at t2
module 2 = error active receiver with a local fault at t1
module 3 = error active receiver detects stuff error at t2
FIGURE 24. Error Frame — Error Active Transmitter
DS012837-30
module 1 = error active receiver with a local fault at t1
module 2 = error passive transmitter detects bit error at t2
module 3 = error passive receiver detects stuff error at t2
FIGURE 25. Error Frame — Error Passive Transmitter
www.national.com
33



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com