Electronic Components Datasheet Search
  English  ▼

X  

COP688EB Datasheet(PDF) 63 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # COP688EB
Description  8-Bit CMOS ROM Based Microcontrollers with 8k Memory, CAN Interface, 8-Bit A/D, and USART
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

COP688EB Datasheet(HTML) 63 Page - National Semiconductor (TI)

Back Button COP688EB Datasheet HTML 59Page - National Semiconductor (TI) COP688EB Datasheet HTML 60Page - National Semiconductor (TI) COP688EB Datasheet HTML 61Page - National Semiconductor (TI) COP688EB Datasheet HTML 62Page - National Semiconductor (TI) COP688EB Datasheet HTML 63Page - National Semiconductor (TI) COP688EB Datasheet HTML 64Page - National Semiconductor (TI) COP688EB Datasheet HTML 65Page - National Semiconductor (TI) COP688EB Datasheet HTML 66Page - National Semiconductor (TI) COP688EB Datasheet HTML 67Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 75 page
background image
WATCHDOG Operation (Continued)
WATCHDOG AND CLOCK MONITOR SUMMARY
The following salient points regarding the COP888 WATCH-
DOG and CLOCK MONITOR should be noted:
•
Both the WATCHDOG and Clock Monitor detector cir-
cuits are inhibited during RESET.
•
Following RESET, the WATCHDOG and CLOCK MONI-
TOR are both enabled, with the WATCHDOG having the
maximum service window selected.
•
The WATCHDOG service window and Clock Monitor
enable/disable option can only be changed once, during
the initial WATCHDOG service following RESET.
•
The initial WATCHDOG service must match the key data
value in the WATCHDOG Service register WDSVR in or-
der to avoid a WATCHDOG error.
•
Subsequent WATCHDOG services must match all three
data fields in WDSVR in order to avoid WATCHDOG er-
rors.
•
The correct key data value cannot be read from the
WATCHDOG Service register WDSVR. Any attempt to
read this key data value of 01100 from WDSVR will read
as key data value of all 0’s.
•
The WATCHDOG detector circuit is inhibited during both
the HALT and IDLE modes.
•
The Clock Monitor detector circuit is active during both
the HALT and IDLE modes. Consequently, the device in-
advertently entering the HALT mode will be detected as a
Clock Monitor error (provided that the Clock Monitor en-
able option has been selected by the program).
•
With the single-pin R/C oscillator mask option selected
and the CLKDLY bit reset, the WATCHDOG service win-
dow will resume following HALT mode from where it left
off before entering the HALT mode.
•
With the crystal oscillator mask option selected, or with
the single-pin R/C oscillator mask option selected and the
CLKDLY bit set, the WATCHDOG service window will be
set to its selected value from WDSVR following HALT.
Consequently, the WATCHDOG should not be serviced
for at least 2048 instruction cycles following HALT, but
must be serviced within the selected window to avoid a
WATCHDOG error.
•
The IDLE timer T0 is not initialized with RESET.
•
The user can sync in to the IDLE counter cycle with an
IDLE counter (T0) interrupt or by monitoring the T0PND
flag. The T0PND flag is set whenever the thirteenth bit of
the IDLE counter toggles (every 4096 instruction cycles).
The user is responsible for resetting the T0PND flag.
•
A hardware WATCHDOG service occurs just as the de-
vice exits the IDLE mode. Consequently, the WATCH-
DOG should not be serviced for at least 2048 instruction
cycles following IDLE, but must be serviced within the se-
lected window to avoid a WATCHDOG error.
•
Following RESET, the initial WATCHDOG service (where
the service window and the CLOCK MONITOR enable/
disable must be selected) may be programmed any-
where within the maximum service window (65,536 in-
struction cycles) initialized by RESET. Note that this initial
WATCHDOG service may be programmed within the inti-
tial 2048 instruction cycles without causing a WATCH-
DOG error.
TABLE 19. WATCHDOG Service Actions
Key
Window
Clock
Action
Data
Data
Monitor
Match
Match
Match
Valid Service: Restart Service Window
Don’t Care
Mismatch
Don’t Care
Error: Generate WATCHDOG Output
Mismatch
Don’t Care
Don’t Care
Error: Generate WATCHDOG Output
Don’t Care
Don’t Care
Mismatch
Error: Generate WATCHDOG Output
www.national.com
63



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com