Electronic Components Datasheet Search
  English  ▼

X  

PC87414 Datasheet(PDF) 174 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87414
Description  LPC ServerI/O for Servers and Workstations
PDF  257 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87414 Datasheet(HTML) 174 Page - National Semiconductor (TI)

Back Button PC87414 Datasheet HTML 170Page - National Semiconductor (TI) PC87414 Datasheet HTML 171Page - National Semiconductor (TI) PC87414 Datasheet HTML 172Page - National Semiconductor (TI) PC87414 Datasheet HTML 173Page - National Semiconductor (TI) PC87414 Datasheet HTML 174Page - National Semiconductor (TI) PC87414 Datasheet HTML 175Page - National Semiconductor (TI) PC87414 Datasheet HTML 176Page - National Semiconductor (TI) PC87414 Datasheet HTML 177Page - National Semiconductor (TI) PC87414 Datasheet HTML 178Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 174 / 257 page
background image
9.0 System Wake-Up Control (SWC) (Continued)
www.national.com
174
Revision1.2
• 00b − The behavior of the LED1 and LED2 pins is controlled by software only (through the setting of the LED1BLNK and
LED2BLNK fields), except for the Power Fail state (VSB and VDD off) when both LEDs are Off.
• 01b − The behavior of the LED1 and LED2 pins is controlled by the power states and by software.
In the Power Fail state (VSB and VDD off), both LEDs are Off;
In the Power Off state (VSB on and VDD off), both LEDs blink at a 1 Hz rate, with a 50% duty cycle;
In the Power On state (VSB and VDD on), each LED behaves according to the setting of its LEDxBLNK field.
• 10b − The behavior of the LED1 and LED2 pins is controlled by the S3I sleep state and by software.
In the Power Fail state (VSB and VDD off) and in the S45 sleep state, both LEDs are Off;
In the Power On state (VSB and VDD on) and in the S3I sleep state, each LED behaves according to the setting of its
LEDxBLNK field.
• 11b − The behavior of the LED1 and LED2 pins is controlled by the sleep states and by software.
In the Power Fail state (VSB and VDD off), both LEDs are Off;
In the Power On state (VSB and VDD on) and in the S45 and S3I sleep states, each LED behaves according to the setting
of its LEDxBLNK field.
9.2.8
Power Active Timers
The SWC includes two 32-bit Power Active timers: a VDD Active Timer, and a VSB Active Timer. Each timer is clocked by a
1 Hz internal clock derived from the battery-backed 32.768 kHz crystal clock generator.
These timers measure the cumulative amount of time (in seconds) that the VSB and the VDD power supplies are active (On).
Each of them is enabled for counting when its related power supply is turned on and stops counting when the power supply
goes off.
Due to their 32-bit length, the timers do not need to be reset; however, a reset bit is available for each timer (VSB_TMR_RST
and VDD_TMR_RST) in the PWTMRCTL register (see Section 9.3.29 on page 199).
The timer count data of the VDD Active Timer is available to the software in the VDD_ON_TMR_0 to VDD_ON_TMR_3 read-
only registers (see Sections 9.3.21 to 9.3.24 on pages 196ff.), which are updated each second with the actual count value
of the timer. When VDD_ON_TMR_0 (the LSByte of the count data) is read, the updating of all four registers
(VDD_ON_TMR_0
to
VDD_ON_TMR_3)
is
stopped,
freezing
the
count
value.
The
VDD_ON_TMR_1
and
VDD_ON_TMR_2 registers can then be read in any order. Finally, reading from the VDD_ON_TMR_3 register resumes the
registers updating with the actual count value of the timer. Therefore, the VDD_ON_TMR_0 register must be read first and
the VDD_ON_TMR_3 register last.
The same applies for the VSB Active Timer, whose timer count data is available to the software in the VSB_ON_TMR_0 to
VSB_ON_TMR_3 read-only registers (see Sections 9.3.25 to 9.3.28 on pages 197ff.).
9.2.9
Watchdog Function
The watchdog includes an 8-bit timer clocked by a 1-minute internal clock that is derived from the battery-backed 32.768
KHz crystal clock generator. The timer is loaded with the Watchdog Time-Out Data value written in the WDTO register (see
Section 9.3.34 on page 202) and counts down to zero. This 8-bit data enables time-out values between 1 to 255 minutes to
be programmed (00h is an invalid data value).
Five events can trigger the watchdog by reloading the timer:
q
Keyboard interrupt.
q
Mouse interrupt.
q
Serial Port 1 interrupt.
q
Serial Port 2 interrupt.
q
Software writing a ‘1’ to the SW_WD_TRG bit of the WDCTL register (see Section 9.3.33 on page 202).
Each event can be masked by an enable bit in the WDCFG register (see Section 9.3.35 on page 203). Whenever an active
edge of any enabled event is detected, the timer is restarted from the Watchdog Time-Out Data value. If no event occurs
before the timer reaches 00h, the WDO_EVT_STS status bit in the GPE1_STS_3 register (see Section 9.4.11 on page 211)
is set to ‘1’ and a 250 ms active low pulse is generated at the WDO pin. After a watchdog time-out or when the Hardware
reset is active (LRESET), the timer is reloaded.
The WDO_EVT_STS status bit can be routed either to the SIOSMI pin by the WDO_EVT_2SMI bit in the GPE1_2SMI_HIGH
register (see Section 9.3.7 on page 184) or to the SIOSCI pin by the WDO_EVT_EN bit in the GPE1_EN_3 register (see
Section 9.4.15 on page 215).
After either VSB Power-up reset or VDD Power-up reset, the watchdog is disabled. Its operation is enabled by setting the
WDEN bit in the WDCTL register (see Section 9.3.33 on page 202) to ‘1’. Once set, this bit cannot be cleared by software.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com