Electronic Components Datasheet Search
  English  ▼

X  

PC87414 Datasheet(PDF) 176 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87414
Description  LPC ServerI/O for Servers and Workstations
PDF  257 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87414 Datasheet(HTML) 176 Page - National Semiconductor (TI)

Back Button PC87414 Datasheet HTML 172Page - National Semiconductor (TI) PC87414 Datasheet HTML 173Page - National Semiconductor (TI) PC87414 Datasheet HTML 174Page - National Semiconductor (TI) PC87414 Datasheet HTML 175Page - National Semiconductor (TI) PC87414 Datasheet HTML 176Page - National Semiconductor (TI) PC87414 Datasheet HTML 177Page - National Semiconductor (TI) PC87414 Datasheet HTML 178Page - National Semiconductor (TI) PC87414 Datasheet HTML 179Page - National Semiconductor (TI) PC87414 Datasheet HTML 180Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 176 / 257 page
background image
9.0 System Wake-Up Control (SWC) (Continued)
www.national.com
176
Revision1.2
9.3
SWC REGISTERS
The SWC registers are organized in four banks. The offsets are related to the base address determined by the SWC Base
Address register at indexes 60h - 61h in the SWC device configuration. The lower 16 offsets (00h-0Fh) are common to the
four banks; the upper offsets (10h-1Fh) are divided as follows:
• Bank 0 holds registers related to the Keyboard/Mouse Wake-up Detector.
• Bank 1 holds registers related to the Power Active timers.
• Bank 2 holds registers related to sleep states and ACPI configuration.
• Bank 3 holds registers related to the watchdog.
The active bank is selected through the BNK_SEL1-BNK_SEL0 bits in the Bank Select register (BANKSEL). For details, see
Section 9.3.15 on page 192.
The following abbreviations are used to indicate the Register Type:
q
R/W
= Read/Write.
q
R
= Read from a specific register (write to the same address is to a different register).
q
W
= Write (see above).
q
RO
= Read Only.
q
WO
= Write Only. Reading from the bit returns 0.
q
R/W1C = Read/Write 1 to Clear. Writing 1 to a bit clears it to 0. Writing 0 has no effect.
q
R/W1S = Read/Write 1 to Set. Writing 1 to a bit sets its value to 1. Writing 0 has no effect.
9.3.1
SWC Register Map
The following tables list the SWC registers. For the SWC register bitmap, see Section 9.5 on page 216. Most of the registers
are battery backed, however some are VSB powered.
Table 43. Banks 0, 1, 2 and 3 - Common Register Map
Offset
Mnemonic
Register Name
Type
Power Well Section
00h
WK_EVT_SEL
Wake-Up Event Select
R/W
VPP
9.3.2
01h
WK_ST_EN
Wake-Up State Enable
R/W
VPP
9.3.3
02h
GPE1_2IRQ_LOW
GPE1_STS Events to IRQ Enable Low
R/W
VPP
9.3.4
03h
GPE1_2IRQ_HIGH
GPE1_STS Events to IRQ Enable High
R/W
VPP
9.3.5
04h
GPE1_2SMI_LOW
GPE1_STS Events to SMI Enable Low
R/W
VPP
9.3.6
05h
GPE1_2SMI_HIGH
GPE1_STS Events to SMI Enable High
R/W
VPP
9.3.7
06h
SWCFDIS
SWC Fast Disable
R/W
VSB
9.3.8
07h
SWCTRIS
SWC TRI-STATE
R/W
VSB
9.3.9
08h
SWC_CTL
SWC Miscellaneous Control
Varies per bit
VPP
9.3.10
09h
PWONCTL
Power On Control
Varies per bit
VPP
9.3.11
0Ah
LEDCTL
LED Control
R/W
VPP
9.3.12
0Bh
LEDBLNK
LED Blinking Control
R/W
VPP
9.3.13
0Ch-0Dh Reserved
0Eh
BIOSGPR
BIOS General-Purpose Scratch
R/W
VPP
9.3.14
0Fh
BANKSEL
Bank Select
R/W
VPP
9.3.15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com