Electronic Components Datasheet Search
  English  ▼

X  

PC87414 Datasheet(PDF) 177 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87414
Description  LPC ServerI/O for Servers and Workstations
PDF  257 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87414 Datasheet(HTML) 177 Page - National Semiconductor (TI)

Back Button PC87414 Datasheet HTML 173Page - National Semiconductor (TI) PC87414 Datasheet HTML 174Page - National Semiconductor (TI) PC87414 Datasheet HTML 175Page - National Semiconductor (TI) PC87414 Datasheet HTML 176Page - National Semiconductor (TI) PC87414 Datasheet HTML 177Page - National Semiconductor (TI) PC87414 Datasheet HTML 178Page - National Semiconductor (TI) PC87414 Datasheet HTML 179Page - National Semiconductor (TI) PC87414 Datasheet HTML 180Page - National Semiconductor (TI) PC87414 Datasheet HTML 181Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 177 / 257 page
background image
9.0 System Wake-Up Control (SWC) (Continued)
Revision 1.2
177
www.national.com
Table 44. Bank 0 - Keyboard/Mouse Wake-Up Detector Register Map
Offset
Mnemonic
Register Name
Type
Power Well Section
10h-11h Reserved
12h
KBDWKCTL
Keyboard Wake-Up Control
R/W
VPP
9.3.16
13h
PS2CTL
PS2 Protocol Control
R/W
VPP
9.3.17
14h-15h Reserved
16h
KDSR
Keyboard Data Shift-Register
RO
VPP
9.3.18
17h
MDSR
Mouse Data Shift-Register
RO
VPP
9.3.19
18h
PS2KEY0
PS2 Keyboard Key Data 0
R/W
VPP
9.3.20
19h
PS2KEY1
PS2 Keyboard Key Data 1
R/W
VPP
9.3.20
1Ah
PS2KEY2
PS2 Keyboard Key Data 2
R/W
VPP
9.3.20
1Bh
PS2KEY3
PS2 Keyboard Key Data 3
R/W
VPP
9.3.20
1Ch
PS2KEY4
PS2 Keyboard Key Data 4
R/W
VPP
9.3.20
1Dh
PS2KEY5
PS2 Keyboard Key Data 5
R/W
VPP
9.3.20
1Eh
PS2KEY6
PS2 Keyboard Key Data 6
R/W
VPP
9.3.20
1Fh
PS2KEY7
PS2 Keyboard Key Data 7
R/W
VPP
9.3.20
Table 45. Bank 1 - Power Active Timers Register Map
Offset
Mnemonic
Register Name
Type
Power Well Section
10h
VDD_ON_TMR_0
VDD Active Timer 0
RO
VPP
9.3.21
11h
VDD_ON_TMR_1
VDD Active Timer 1
RO
VPP
9.3.22
12h
VDD_ON_TMR_2
VDD Active Timer 2
RO
VPP
9.3.23
13h
VDD_ON_TMR_3
VDD Active Timer 3
RO
VPP
9.3.24
14h
VSB_ON_TMR_0
VSB Active Timer 0
RO
VPP
9.3.25
15h
VSB_ON_TMR_1
VSB Active Timer 1
RO
VPP
9.3.26
16h
VSB_ON_TMR_2
VSB Active Timer 2
RO
VPP
9.3.27
17h
VSB_ON_TMR_3
VSB Active Timer 3
RO
VPP
9.3.28
18h
PWTMRCTL
Power Active Timers Control
Varies per bit
VPP
9.3.29
19h-1Fh Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com