Electronic Components Datasheet Search
  English  ▼

X  

PC87414 Datasheet(PDF) 192 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87414
Description  LPC ServerI/O for Servers and Workstations
PDF  257 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87414 Datasheet(HTML) 192 Page - National Semiconductor (TI)

Back Button PC87414 Datasheet HTML 188Page - National Semiconductor (TI) PC87414 Datasheet HTML 189Page - National Semiconductor (TI) PC87414 Datasheet HTML 190Page - National Semiconductor (TI) PC87414 Datasheet HTML 191Page - National Semiconductor (TI) PC87414 Datasheet HTML 192Page - National Semiconductor (TI) PC87414 Datasheet HTML 193Page - National Semiconductor (TI) PC87414 Datasheet HTML 194Page - National Semiconductor (TI) PC87414 Datasheet HTML 195Page - National Semiconductor (TI) PC87414 Datasheet HTML 196Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 192 / 257 page
background image
9.0 System Wake-Up Control (SWC) (Continued)
www.national.com
192
Revision1.2
9.3.15
Bank Select Register (BANKSEL)
This register selects the active bank for the upper offsets (10h-1Fh). Since the access to registers at offsets 10h-1Fh requires
two transactions (first to BANKSEL and then to the specific register) and since the LPC bus and ACCESS.bus access the
module concurrently (PC87413 and PC87417), the BANKSEL register is duplicated (one is accessed by the host and one
by the ACCESS.bus).This register is reset by hardware to 00h.
Power Well:VPP
Location:All Banks, Offset 0Fh
Type:
R/W
Bit
76
5
43210
Name
Reserved
BNK_SEL
Reset
0
0
0
00000
Bit
Description
7-2
Reserved.
1-0
BNK_SEL (Bank Select). This field selects the active bank for the upper offsets (10h-1Fh).
Bits
1 0
Active Bank
0 0:
Bank 0: holds registers related to the Keyboard/Mouse Wake-up Detector (default)
0 1:
Bank 1: holds registers related to the Power Active timers
1 0:
Bank 2: holds registers related to sleep states and ACPI configuration
1 1:
Bank 3: holds registers related to watchdog configuration and control



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com