Electronic Components Datasheet Search
  English  ▼

X  

PC87414 Datasheet(PDF) 194 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87414
Description  LPC ServerI/O for Servers and Workstations
PDF  257 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87414 Datasheet(HTML) 194 Page - National Semiconductor (TI)

Back Button PC87414 Datasheet HTML 190Page - National Semiconductor (TI) PC87414 Datasheet HTML 191Page - National Semiconductor (TI) PC87414 Datasheet HTML 192Page - National Semiconductor (TI) PC87414 Datasheet HTML 193Page - National Semiconductor (TI) PC87414 Datasheet HTML 194Page - National Semiconductor (TI) PC87414 Datasheet HTML 195Page - National Semiconductor (TI) PC87414 Datasheet HTML 196Page - National Semiconductor (TI) PC87414 Datasheet HTML 197Page - National Semiconductor (TI) PC87414 Datasheet HTML 198Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 194 / 257 page
background image
9.0 System Wake-Up Control (SWC) (Continued)
www.national.com
194
Revision1.2
9.3.17
PS2 Protocol Control Register (PS2CTL)
This register configures the keyboard and mouse events detected by the Keyboard/Mouse Wake-up Detector. It is reset
by hardware to 00h.
Power Well:VPP
Location: Bank 0, Offset 13h
Type:
R/W
Bit
76
5
43210
Name
DISPAR
MSEVCFG
KBEVCFG
Reset
0
0
0
00000
Bit
Description
7
DISPAR (Disable Parity Check). This controls the parity checking of the keyboard and mouse data by the
Keyboard/Mouse Wake-up Detector.
0: Enable parity check (default)
1: Disable parity check
6-4
MSEVCFG (Mouse Event Configuration). These bits configure the mouse data sequence for the Mouse event.
Before setting them to a new value, these bits must be cleared by writing a value of 000b.
Bits
6 5 4
Event Configuration
0 0 0:
Disable mouse wake-up detection (default)
0 0 1:
Wake-up on any mouse movement or button click
0 1 0:
Wake-up on left button click
0 1 1:
Wake-up on left button double-click
1 0 0:
Wake-up on right button click
1 0 1:
Wake-up on right button double-click
1 1 0:
Wake-up on any button single-click (left, right or middle)
1 1 1:
Wake-up on any button double-click (left, right or middle)
3-0
KBEVCFG (Keyboard Event Configuration). These bits configure the keyboard data sequence for the
Keyboard event, which indicates that any key or key sequence was pressed on the keyboard. The setting of the
KBEVCFG field is relevant only if the Keyboard/Mouse Wake-up Detector is in either Special Key Sequence or
Password mode (KBDMODE = 0). The keyboard data sequence used to detect a Keyboard Event is stored in
registers PS2KEY0 to PS2KEY7, starting with PS2KEY0. Before setting them to a new value, the KBEVCFG
field must be cleared by writing a value of 0000b.
Bits
3 2 1 0
Event Configuration
0 0 0 0:
Disable keyboard wake-up detection (default)
0 0 0 1
to
Special Key Sequence mode 2-8 PS/2 data bytes, “Make” and “Break” (including Shift and Alt keys)
0 1 1 1
1 0 0 0
to
Password Enabled mode with 1-8 keys “Make” code (excluding Shift and Alt keys)
1 1 1 1
}
}



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com