Electronic Components Datasheet Search
  English  ▼

X  

PC87414 Datasheet(PDF) 193 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87414
Description  LPC ServerI/O for Servers and Workstations
PDF  257 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87414 Datasheet(HTML) 193 Page - National Semiconductor (TI)

Back Button PC87414 Datasheet HTML 189Page - National Semiconductor (TI) PC87414 Datasheet HTML 190Page - National Semiconductor (TI) PC87414 Datasheet HTML 191Page - National Semiconductor (TI) PC87414 Datasheet HTML 192Page - National Semiconductor (TI) PC87414 Datasheet HTML 193Page - National Semiconductor (TI) PC87414 Datasheet HTML 194Page - National Semiconductor (TI) PC87414 Datasheet HTML 195Page - National Semiconductor (TI) PC87414 Datasheet HTML 196Page - National Semiconductor (TI) PC87414 Datasheet HTML 197Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 193 / 257 page
background image
9.0 System Wake-Up Control (SWC) (Continued)
Revision 1.2
193
www.national.com
9.3.16
Keyboard Wake-Up Control Register (KBDWKCTL)
This register configures the keyboard events detected by the Keyboard/Mouse Wake-up Detector. It is reset by hardware
to 00h.
Power Well:VPP
Location:Bank 0, Offset 12h
Type:
R/W
Bit
76
5
43210
Name
KBDMODE
Reserved
EVT3CFG
EVT2CFG
EVT1CFG
Reset
0
0
0
00000
Bit
Description
7
KBDMODE (Keyboard Mode Select). This bit selects one of the keyboard wake-up modes for the
Keyboard/Mouse Wake-up Detector.
0: Special Key Sequence or Password modes - configured by bits 3-0 of the PS2CTL register (default)
1: Power Management Key mode - configured by bits 5-0 of the KBDWKCTL register
6
Reserved.
5-4
EVT3CFG (Keyboard Event 3 Configuration). These bits configure the keyboard data sequence for Keyboard
Event 3, which indicates that “PM Key 3” was pressed on the keyboard. The setting of the EVT3CFG field is
relevant only if the Keyboard/Mouse Wake-up Detector is in Power Management Key mode (KBDMODE = 1).
The keyboard data sequence used to detect Keyboard Event 3 is stored in registers PS2KEY6 and PS2KEY7,
starting with PS2KEY6.
Bits
5 4
Sequence Length
0 0:
0 bytes - Keyboard Event 3 disabled (default)
0 1:
1 byte (PS2KEY6)
1 0:
2 bytes (PS2KEY6, PS2KEY7)
1 1:
Reserved
3-2
EVT2CFG (Keyboard Event 2 Configuration). These bits configure the keyboard data sequence for Keyboard
Event 2, which indicates that “PM Key 2” was pressed on the keyboard. The setting of the EVT2CFG field is
relevant only if the Keyboard/Mouse Wake-up Detector is in Power Management Key mode (KBDMODE = 1).
The keyboard data sequence used to detect Keyboard Event 2 is stored in registers PS2KEY3 to PS2KEY5,
starting with PS2KEY3.
Bits
3 2
Sequence Length
0 0:
0 bytes - Keyboard Event 2 disabled (default)
0 1:
1 byte (PS2KEY3)
1 0:
2 bytes (PS2KEY3, PS2KEY4)
1 1:
3 bytes (PS2KEY3, PS2KEY4, PS2KEY5)
1-0
EVT1CFG (Keyboard Event 1 Configuration). These bits configure the keyboard data sequence for Keyboard
Event 1, which indicates that “PM Key 1” was pressed on the keyboard. The setting of the EVT1CFG field is
relevant only if the Keyboard/Mouse Wake-up Detector is in Power Management Key mode (KBDMODE = 1).
The keyboard data sequence used to detect Keyboard Event 1 is stored in registers PS2KEY0 to PS2KEY2,
starting with PS2KEY0.
Bits
1 0
Sequence Length
0 0:
0 bytes - Keyboard Event 1 disabled (default)
0 1:
1 byte (PS2KEY0)
1 0:
2 bytes (PS2KEY0, PS2KEY1)
1 1:
3 bytes (PS2KEY0, PS2KEY1, PS2KEY2)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com