Electronic Components Datasheet Search
  English  ▼

X  

CS5530 Datasheet(PDF) 44 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CS5530
Description  Geode??CS5530 I/O Companion Multi-Function South Bridge
PDF  241 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CS5530 Datasheet(HTML) 44 Page - National Semiconductor (TI)

Back Button CS5530 Datasheet HTML 40Page - National Semiconductor (TI) CS5530 Datasheet HTML 41Page - National Semiconductor (TI) CS5530 Datasheet HTML 42Page - National Semiconductor (TI) CS5530 Datasheet HTML 43Page - National Semiconductor (TI) CS5530 Datasheet HTML 44Page - National Semiconductor (TI) CS5530 Datasheet HTML 45Page - National Semiconductor (TI) CS5530 Datasheet HTML 46Page - National Semiconductor (TI) CS5530 Datasheet HTML 47Page - National Semiconductor (TI) CS5530 Datasheet HTML 48Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 241 page
background image
www.national.com
44
Revision 4.1
Functional Description (Continued)
3.1.2
PSERIAL Pin Interface
The majority of the system power management logic is
implemented in the CS5530, but a minimal amount of
logic is contained within the GXLV processor to provide
information that is not externally visible (e.g., graphics
controller).
The processor implements a simple serial communica-
tions mechanism to transmit the CPU status to the
CS5530. The processor accumulates CPU events in an 8-
bit register (defined in Table 3-1) which it transmits serially
every 1 to 10 µs.
The packet transmitter holds the serial output pin (PSE-
RIAL) low until the transmission interval counter has
elapsed. Once the counter has elapsed, the PSERIAL pin
is held high for two clocks to indicate the start of packet
transmission. The contents of the Serial Packet Register
are then shifted out starting from bit 7 down to bit 0. The
PSERIAL pin is held high for one clock to indicate the end
of packet transmission and then remains low until the next
transmission interval. After the packet transmission is
complete, the processor’s Serial Packet Register’s con-
tents are cleared.
The processor’s input clock is used as the clock reference
for the serial packet transmitter.
Once a bit in the register is set, it remains set until the
completion of the next packet transmission. Successive
events of the same type that occur between packet trans-
missions are ignored. Multiple unique events between
packet transmissions accumulate in this register. The pro-
cessor transmits the contents of the serial packet only
when a bit in the Serial Packet Register is set and the
interval counter has elapsed.
For more information on the Serial Packet Register refer-
enced in Table 3-1, refer to the GXLV processor data
book.
The CS5530 decodes the serial packet after each trans-
mission and performs the power management tasks
relatedtovideo retrace.
3.1.2.1
Video Retrace Interrupt
Bit 7 of the “Serial Packet” can be used to generate an
SMI whenever a video retrace occurs within the proces-
sor. This function is normally not used for power manage-
ment but for SoftVGA routines.
Setting F0 Index 83h[2] = 1 (bit details on page 159)
enables this function. A read only status register located
at F1BAR+Memory Offset 00h[5] (bit details on page 180)
can be read to see if the SMI was caused by a video
retrace event.
Table 3-1. GXLV Processor Serial Packet
Register
Bit
Description
7
Video IRQ: This bit indicates the occurrence of a video
vertical sync pulse. This bit is set at the same time that
the VINT (Vertical Interrupt) bit gets set in the
DC_TIMING_CFG register. The VINT bit has a corre-
sponding enable bit (VIEN) in the DC_TIM_CFG regis-
ter.
6
CPU Activity: This bit indicates the occurrence of a
level 1 cache miss that was not a result of an instruc-
tion fetch. This bit has a corresponding enable bit in
the PM_CNTL_TEN register.
5:2
Reserved
1
Programmable Address Decode: This bit indicates
the occurrence of a programmable memory address
decode. The bit is set based on the values of the
PM_BASE register and the PM_MASK register. The
PM_BASE register can be initialized to any address in
the full CPU address range.
0
Video Decode: This bit indicates that the CPU has
accessed either the display controller registers or the
graphics memory region. This bit has a corresponding
enable bit in the PM_CNTRL_TEN.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com