Electronic Components Datasheet Search
  English  ▼

X  

CS5530 Datasheet(PDF) 93 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CS5530
Description  Geode??CS5530 I/O Companion Multi-Function South Bridge
PDF  241 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CS5530 Datasheet(HTML) 93 Page - National Semiconductor (TI)

Back Button CS5530 Datasheet HTML 89Page - National Semiconductor (TI) CS5530 Datasheet HTML 90Page - National Semiconductor (TI) CS5530 Datasheet HTML 91Page - National Semiconductor (TI) CS5530 Datasheet HTML 92Page - National Semiconductor (TI) CS5530 Datasheet HTML 93Page - National Semiconductor (TI) CS5530 Datasheet HTML 94Page - National Semiconductor (TI) CS5530 Datasheet HTML 95Page - National Semiconductor (TI) CS5530 Datasheet HTML 96Page - National Semiconductor (TI) CS5530 Datasheet HTML 97Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 93 / 241 page
background image
Revision 4.1
93
www.national.com
Functional Description (Continued)
channel with the priority of the others rotating accordingly.
This prevents a channel from dominating the system.
The address and word count registers for each channel
are 16-bit registers. The value on the data bus is written
into the upper byte or lower byte, depending on the state
of the internal addressing byte pointer. This pointer can be
cleared by the Clear Byte Pointer command. After this
command, the first read/write to an address or word count
register will read/write to the low byte of the 16-bit register
and the byte pointer will point to the high byte. The next
read/write to an address or word-count register will read
or write to the high byte of the 16-bit register and the byte
pointer will point back to the low byte.
When programming the 16-bit channels (Channels 5, 6,
and 7), the address which is written to the base address
register must be the real address divided by two. Also, the
base word count for the 16-bit channels is the number of
16-bit words to be transferred, not the number of bytes as
is the case for the 8-bit channels.
TheDMA controller allows theuserto program theactive
level (low or high) of the DRQ and DACK# signals. Since
the two controllers are cascaded together internally on the
chip, these signals should always be programmed with the
DRQ signal active high and the DACK# signal active low.
DMA Shadow Registers
The CS5530 contains a shadow register located at F0
Index B8h (Table 3-39) for reading the configuration of the
DMA controllers. This read-only register can sequence to
read through all of the DMA registers.
DMA Addressing Capability
DMA transfers occur over the entire 32-bit address range
of the PCI bus. This is accomplished by using the DMA
controller’s 16-bit memory address registers in conjunc-
tion with an 8-bit DMA Low Page register and an 8-bit
DMA High Page register. These registers, associated with
each channel, provide the 32-bit memory address capa-
bility. A write to the Low Page register clears the High
Page register, for backward compatibility with the PC/AT
standard. The starting address for the DMA transfer must
be programmed into the DMA controller registers and the
channel’s respective Low and High Page registers prior to
beginning the DMA transfer.
DMA Page Registers and Extended Addressing
The DMA Page registers provide the upper address bits
during DMA cycles. DMA addresses do not increment or
decrement across page boundaries. Page boundaries for
the 8-bit channels (Channels 0 through 3) are every 64
KB and page boundaries for the 16-bit channels (Chan-
nels 5, 6, and 7) are every 128 KB.
Before any DMA operations are performed, the Page
Registers must be written at the I/O Port addresses
shown in Table 4-26 "DMA Page Registers" on page 211
to select the correct page for each DMA channel. The
other address locations between 080h and 08Fh and
480h and 48Fh are not used by the DMA channels, but
canbereadorwritten byaPCIbus master.These regis-
ters are reset to zero at POR. A write to the Low Page
register clears the High Page register, for backward com-
patibility with the PC/AT standard.
For most DMA transfers, the High Page register is set to
zeros and is driven onto PCI address bits AD[31:24] dur-
ing DMA cycles. This mode is backward compatible with
the PC/AT standard. For DMA extended transfers, the
High Page register is programmed and the values are
driven onto the PCI addresses AD[31:24] during DMA
cycles to allow access to the full 4 GB PCI address space.
DMA Address Generation
The DMA addresses are formed such that there is an
upper address, a middle address, and a lower address
portion.
The upper address portion, which selects a specific page,
is generated by the Page registers. The Page registers for
each channel must be set up by the system before a DMA
operation. The DMA Page register values are driven on
PCI address bits AD[31:16] for 8-bit channels and
AD[31:17] for 16-bit channels.
Table 3-39. DMA Shadow Register
Bit
Description
F0 Index B8h
DMA Shadow Register (RO)
Reset Value = xxh
7:0
DMA Shadow (Read Only): This 8-bit port sequences through the following list of shadowed DMA Controller registers.
At power on, a pointer starts at the first register in the list and consecutively reads incrementally through it. A write to this
register resets the read sequence to the first register. Each shadow register in the sequence contains the last data written
to that location.
The read sequence for this register is:
1. DMA Channel 0 Mode Register
2. DMA Channel 1 Mode Register
3. DMA Channel 2 Mode Register
4. DMA Channel 3 Mode Register
5. DMA Channel 4 Mode Register
6. DMA Channel 5 Mode Register
7. DMA Channel 6 Mode Register
8. DMA Channel 7 Mode Register
9. DMA Channel Mask Register (bit 0 is channel 0 mask, etc.)
10. DMA Busy Register (bit 0 or 1 means a DMA occurred within last 1 msec, all other bits are 0)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com