Electronic Components Datasheet Search
  English  ▼

X  

CS5530 Datasheet(PDF) 50 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CS5530
Description  Geode??CS5530 I/O Companion Multi-Function South Bridge
PDF  241 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CS5530 Datasheet(HTML) 50 Page - National Semiconductor (TI)

Back Button CS5530 Datasheet HTML 46Page - National Semiconductor (TI) CS5530 Datasheet HTML 47Page - National Semiconductor (TI) CS5530 Datasheet HTML 48Page - National Semiconductor (TI) CS5530 Datasheet HTML 49Page - National Semiconductor (TI) CS5530 Datasheet HTML 50Page - National Semiconductor (TI) CS5530 Datasheet HTML 51Page - National Semiconductor (TI) CS5530 Datasheet HTML 52Page - National Semiconductor (TI) CS5530 Datasheet HTML 53Page - National Semiconductor (TI) CS5530 Datasheet HTML 54Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 241 page
background image
www.national.com
50
Revision 4.1
Functional Description (Continued)
3.3.3
DOT Clock
The DOT clock (DCLK) is generated from the 14.31818
MHz input (CLK_14MHZ). A combination of a phase
locked loop (PLL), linear feedback shift register (LFSR)
and divisors are used to generate the desired frequencies
for the DOT clock. The divisors and LFSR are config-
urable through the F4BAR+Memory Offset 24h. The mini-
mum frequency of DCLK is 10 MHz and the maximum is
200 MHz.
DCLK provides a video clock for the GXLV processor. For
applications that do not use the GXLV processor’s video,
this is an available clock for general purpose use.
The system clock distribution for a CS5530/GXLV proces-
sor based system is shown in Figure 3-6.
Figure 3-6. System Clock Distribution
DCLKto GXLVProcessor
M
U
X
DCLK
PLL
÷N
TVCLK from TV Controller
Clock
Geode™ CS5530
48 MHz Clock to USB of CS5530
PCICLK to GXLV Processor
PCICLK
PCICLK to PCI Related Device
PCICLK to PCI Bus
Geode™
SDRAMCLK to SDRAM
SDRAMCLK to SDRAM
SDRAMCLK to SDRAM
SDRAMCLK to SDRAM
14 MHz Clock to Super I/O
14.318 MHz
Crystal
32 KHz for Reset and
Power Management
14 MHz Clock to TV Controller
ISACLK to ISA Bus
SUSP_3V
OE#
from CS5530
24.576 MHz Clock to AC97 Codec
GXLV
Generator
14 MHz Clock
I/O Companion
Processor



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com