Electronic Components Datasheet Search
  English  ▼

X  

CS5530 Datasheet(PDF) 135 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CS5530
Description  Geode??CS5530 I/O Companion Multi-Function South Bridge
PDF  241 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CS5530 Datasheet(HTML) 135 Page - National Semiconductor (TI)

Back Button CS5530 Datasheet HTML 131Page - National Semiconductor (TI) CS5530 Datasheet HTML 132Page - National Semiconductor (TI) CS5530 Datasheet HTML 133Page - National Semiconductor (TI) CS5530 Datasheet HTML 134Page - National Semiconductor (TI) CS5530 Datasheet HTML 135Page - National Semiconductor (TI) CS5530 Datasheet HTML 136Page - National Semiconductor (TI) CS5530 Datasheet HTML 137Page - National Semiconductor (TI) CS5530 Datasheet HTML 138Page - National Semiconductor (TI) CS5530 Datasheet HTML 139Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 135 / 241 page
background image
Revision 4.1
135
www.national.com
Functional Description (Continued)
3.9
UNIVERSAL SERIAL BUS SUPPORT
The CS5530 integrates a Universal Serial Bus (USB) con-
troller which supports two ports. The USB controller is
OpenHCI compliant, a standard developed by Compaq,
Microsoft, and National Semiconductor.
The USB core consists of three main interface blocks: the
USB PCI interface controller, the USB host controller, and
the USB interface controller. Legacy keyboard and mouse
controllers are also supported for DOS compatibility with
those USB devices.
This document must be used along with the following pub-
lic domain reference documents for a complete functional
description of the USB controller:
• USB Specification Revision 1.0
• OpenHCI Specification, Revision 1.0
• PCI Specification, Version 2.1
3.9.1
USB PCI Controller
The PCI controller interfaces the host controller to the PCI
bus. As a master, the PCI controller is responsible for run-
ning cycles on the PCI bus on behalf of the host controller.
As a target, the PCI controller monitors the cycles on the
PCI bus and determines when to respond to these cycles.
The USB core is a PCI target when it decodes cycles to its
internal PCI configuration registers or to its internal PCI
memory mapped I/O registers.
The USB core is implemented as a unique PCI device in
the CS5530. It has its own PCI Header and Configuration
space and is mapped through PCI Configuration Mecha-
nism #1 as: Bus #0, Device #0 (AD28 = 1 or AD26 = 1),
Function #0 (referred to as PCIUSB). The USB core can
be enabled/disabled through F0 Index 43h[0].
All registers can be accessed via 8-, 16-, or 32-bit cycles
(i.e., each byte is individually selected by the byte
enables.) Registers marked as reserved, and reserved
bits within a register are not implemented and should
return 0s when read. Writes have no effect for reserved
registers. These registers are summarized in Table 3-76.
For complete bit information, see Section 4.4 “USB Con-
troller Registers - PCIUSB” on page 206.
Table 3-76. USB PCI Header Registers
PCIUSB
Name
Access
00h-01h
Vendor ID
RO
02h-03h
Device ID
RO
04h-05h
Command
R/W
06h-07h
Status
R/W
08h
Revision ID
RO
09h-0Bh
Class Code
RO
0Ch
Cache Line Size Register
R/W
0Dh
Latency Timer Register
R/W
0Eh
Header Type
RO
0Fh
BIST Register
RO
10h-13h
Base Address Register 0
R/W
14h-3Bh
Reserved
--
3Ch
Interrupt Line
R/W
3Dh
Interrupt Pin
R/W
3Eh
Minimum Grant
R/W
3Fh
Maximum Latency
R/W
40h-43h
Test Mode Enable
R/W
44h
Operational Mode Enable
R/W
45h-FFh
Reserved
--



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com