Electronic Components Datasheet Search
  English  ▼

X  

CS5530 Datasheet(PDF) 163 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CS5530
Description  Geode??CS5530 I/O Companion Multi-Function South Bridge
PDF  241 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CS5530 Datasheet(HTML) 163 Page - National Semiconductor (TI)

Back Button CS5530 Datasheet HTML 159Page - National Semiconductor (TI) CS5530 Datasheet HTML 160Page - National Semiconductor (TI) CS5530 Datasheet HTML 161Page - National Semiconductor (TI) CS5530 Datasheet HTML 162Page - National Semiconductor (TI) CS5530 Datasheet HTML 163Page - National Semiconductor (TI) CS5530 Datasheet HTML 164Page - National Semiconductor (TI) CS5530 Datasheet HTML 165Page - National Semiconductor (TI) CS5530 Datasheet HTML 166Page - National Semiconductor (TI) CS5530 Datasheet HTML 167Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 163 / 241 page
background image
Revision 4.1
163
www.national.com
Register Descriptions (Continued)
Index 87h
Second Level Power Management Status Mirror Register 4 (RO)
Reset Value = 00h
7
GPIO2 SMI Status (Read Only): SMI was caused by transition on (properly-configured) GPIO2 pin?
0= No; 1 = Yes.
This is the second level of SMI status reporting. The top level is reported at F1BAR+Memory Offset 00h/02h[0].
SMI generation enabling is at F0 Index 92h[2].
6
GPIO1 SMI Status (Read Only): SMI was caused by transition on (properly-configured) GPIO1 pin?
0= No; 1 = Yes.
This is the second level of SMI status reporting. The top level is reported at F1BAR+Memory Offset 00h/02h[0].
SMI generation enabling is at F0 Index 92h[1].
5
GPIO0 SMI Status (Read Only): SMI was caused by transition on (properly-configured) GPIO0 pin?
0= No; 1 = Yes.
This is the second level of SMI status reporting. The top level is reported at F1BAR+Memory Offset 00h/02h[0].
SMI generation enabling is at F0 Index 92h[0].
4
Lid Position (Read Only): This bit maintains the current status of the lid position. If the GPIO6 pin is configured as the lid
switch indicator, this bit reflects the state of the pin.
3
Lid Switch SMI Status (Read Only): SMI was caused by a transition on the GPIO6 (lid switch) pin?
0= No; 1 = Yes.
For this to happen, the GPIO6 pin must be configured both as an input (F0 Index 90h[6] = 0) and
as the lid switch (F0 Index 92h[6] =1).
2
Codec SDATA_IN SMI Status (Read Only): SMI was caused by AC97 codec producing a positive edge on SDATA_IN?
0= No; 1 = Yes.
This is the second level of status is reporting. The top level status is reported at F1BAR+Memory Offset 00h/02h[0].
SMI generation enabling is at F0 Index 80h[5].
1
RTC Alarm (IRQ8) SMI Status (Read Only): SMI was caused by an RTC interrupt? 0 = No; 1 = Yes.
This SMI event can only occur while in 3V Suspend and RTC interrupt occurs.
This is the second level of SMI status reporting. The top level is reported at F1BAR+Memory Offset 00h/02h[0].
0
ACPI Timer SMI Status (Read Only): SMI was caused by an ACPI Timer MSB toggle? 0 = No; 1 = Yes.
This is the second level of SMI status reporting. The top level is reported at F1BAR+Memory Offset 00h/02h[0].
SMI generation configuration is at F0 Index 83h[5].
Notes:
Properly-configured means that the GPIO pin must be enabled as a GPIO (if multiplexed pin), an input, and to cause an
SMI.
This register provides status on several miscellaneous power management events that generate SMIs, as well as the sta-
tus of the Lid Switch. It is called a Mirror register since an identical register exists at F0 Index F7h. Reading this register
does not clear the status, while reading its counterpart at F0 Index F7h does clear the status.
Table 4-14. F0 Index xxh: PCI Header and Bridge Configuration Registers (Continued)
Bit
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com