Electronic Components Datasheet Search
  English  ▼

X  

CS5530 Datasheet(PDF) 179 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CS5530
Description  Geode??CS5530 I/O Companion Multi-Function South Bridge
PDF  241 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CS5530 Datasheet(HTML) 179 Page - National Semiconductor (TI)

Back Button CS5530 Datasheet HTML 175Page - National Semiconductor (TI) CS5530 Datasheet HTML 176Page - National Semiconductor (TI) CS5530 Datasheet HTML 177Page - National Semiconductor (TI) CS5530 Datasheet HTML 178Page - National Semiconductor (TI) CS5530 Datasheet HTML 179Page - National Semiconductor (TI) CS5530 Datasheet HTML 180Page - National Semiconductor (TI) CS5530 Datasheet HTML 181Page - National Semiconductor (TI) CS5530 Datasheet HTML 182Page - National Semiconductor (TI) CS5530 Datasheet HTML 183Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 179 / 241 page
background image
Revision 4.1
179
www.national.com
Register Descriptions (Continued)
4.3.2
SMI Status and ACPI Timer Registers - Function 1
The register space for the SMI status and ACPI Timer reg-
isters is divided into two sections. The first section is used
to configure the PCI portion of this support hardware. A
Base Address Register at F1 Index 10h (F1BAR) points to
the base address of where the second portion of the reg-
ister space is located. This second section contains the
SMI status and ACPI timer support registers.
Note:
In Silicon Revision 1.3 and above the ACPI Timer
Count Register is accessible through I/O Port
121Ch.
Table 4-15 shows the PCI header registers of F1. The
memory mapped registers accessed through F1BAR are
shown in Table 4-16.
Table 4-15. F1 Index xxh: PCI Header Registers for SMI Status and ACPI Timer
Bit
Description
Index 00h-01h
Vendor Identification Register (RO)
Reset Value = 1078h
Index 02h-03h
Device Identification Register (RO)
Reset Value = 0101h
Index 04h-05h
PCI Command Register (R/W)
Reset Value = 0000h
15:2
Reserved (Read Only)
1
Memory Space: Allow CS5530 to respond to memory cycles from the PCI bus: 0 = Disable; 1 = Enable.
This bit must be enabled to access memory offsets through F1BAR (F1 Index 10h).
0
Reserved (Read Only)
Index 06h-07h
PCI Status Register (RO)
Reset Value = 0280h
Index 08h
Device Revision ID Register (RO)
Reset Value = 00h
Index 09h-0Bh
PCI Class Code Register (RO)
Reset Value = 068000h
Index 0Ch
PCI Cache Line Size Register (RO)
Reset Value = 00h
Index 0Dh
PCI Latency Timer Register (RO)
Reset Value = 00h
Index 0Eh
PCI Header Type (RO)
Reset Value = 00h
Index 0Fh
PCI BIST Register (RO)
Reset Value = 00h
Index 10h-13h
Base Address Register — F1BAR (R/W)
Reset Value = 00000000h
This register sets the base address of the memory mapped SMI status and ACPI timer related registers. Bits [7:0] are read only (00h),
indicating a 256 byte memory address range. Refer to Table 4-16 for the SMI status and ACPI timer registers bit formats and reset val-
ues. The upper 16 bytes are always mapped to the ACPI timer, and are always memory mapped.
Note: In Silicon Revision 1.3 and above the ACPI Timer Count Register is accessible through I/O Port 121Ch.
31:8
SMI Status/Power Management Base Address
7:0
Address Range (Read Only)
Index 14h-FFh
Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com