Electronic Components Datasheet Search
  English  ▼

X  

CS5530 Datasheet(PDF) 221 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CS5530
Description  Geode??CS5530 I/O Companion Multi-Function South Bridge
PDF  241 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CS5530 Datasheet(HTML) 221 Page - National Semiconductor (TI)

Back Button CS5530 Datasheet HTML 217Page - National Semiconductor (TI) CS5530 Datasheet HTML 218Page - National Semiconductor (TI) CS5530 Datasheet HTML 219Page - National Semiconductor (TI) CS5530 Datasheet HTML 220Page - National Semiconductor (TI) CS5530 Datasheet HTML 221Page - National Semiconductor (TI) CS5530 Datasheet HTML 222Page - National Semiconductor (TI) CS5530 Datasheet HTML 223Page - National Semiconductor (TI) CS5530 Datasheet HTML 224Page - National Semiconductor (TI) CS5530 Datasheet HTML 225Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 221 / 241 page
background image
Revision 4.1
221
www.national.com
Register Descriptions (Continued)
Table 4-33. SETUP_IDX Values
Index
Operation
0x00
No operation
0x10
Configure GPIO0 to PM1A_STS or GPE0_STS bits
0x11
Configure GPIO1 to PM1A_STS or GPE0_STS bits
0x12
Configure GPIO2 to PM1A_STS or GPE0_STS bits
0x13
Configure GPIO3 to PM1A_STS or GPE0_STS bits
0x14
Configure GPIO4 to PM1A_STS or GPE0_STS bits
0x15
Configure GPIO5 to PM1A_STS or GPE0_STS bits
0x16
Configure GPIO6 to PM1A_STS or GPE0_STS bits
0x17
Configure GPIO7 to PM1A_STS or GPE0_STS bits
0x30
Configure IRQ0 to wakeup system
0x31
Configure IRQ1 to wakeup system
0x32
Do not use – Reserved for cascade interrupt
0x33
Configure IRQ3 to wakeup system
0x34
Configure IRQ4 to wakeup system
0x35
Configure IRQ5 to wakeup system
0x36
Configure IRQ6 to wakeup system
0x37
Configure IRQ7 to wakeup system
0x38
Configure IRQ8 to wakeup system
(Defaults to RTC_STS in PM1A_STS)
0x39
Configure IRQ9 to wakeup system.
0x3A
Configure IRQ10 to wakeup system.
0x3B
Configure IRQ11 to wakeup system
0x3C
Configure IRQ12 to wakeup system
0x3D
Do not use – Reserved for math coprocessor
0x3E
Configure IRQ14 to wakeup system
0x3F
Configure IRQ15 to wakeup system
0x40
Generate GBL_STS – Sets the GLB_STS bit and
generates a SCI to the OS
0x41
Configure IRQ to be used for SCI
0x42
Enable reads of ACPI registers
0x43
Do atomic I/O sequence
0x50
Video power
0x60
Soft SMI AX = 6000 emulation
0x61
Soft SMI AX = 6001 emulation
0x62
Soft SMI AX = 6002 emulation
0x63
Soft SMI AX = 6003 emulation
0x64
Audio power control
Table 4-34. GPIO Mapping (0x10-0x17)
SETUP_
DATA
Function
xx Value
0x00
No mapping – Do not use this GPIO pin
0x08
Assign GPIOx to PWRBTN_STS bit in
PM1A_STS
0x09
Assign GPIOx to SLPBTN_STS in PM1A_STS
0x10
Assign GPIOx to bit 0 in GPE0_STS register
0x11
Assign GPIOx to bit 1 in GPE0_STS register
0x12
Assign GPIOx to bit 2 in GPE0_STS register
0x13
Assign GPIOx to bit 3 in GPE0_STS register
0x14
Assign GPIOx to bit 4 in GPE0_STS register
0x15
Assign GPIOx to bit 5 in GPE0_STS register
0x16
Assign GPIOx to bit 6 in GPE0_STS register
0x17
Assign GPIOx to bit 7 in GPE0_STS register
0x18
Assign GPIOx to bit 8 in GPE0_STS register
0x19
Assign GPIOx to bit 9 in GPE0_STS register
0x1A
Assign GPIOx to bit 10 in GPE0_STS register
0x1B
Assign GPIOx to bit 11 in GPE0_STS register
0x1C
Assign GPIOx to bit 12 in GPE0_STS register
0x1D
Assign GPIOx to bit 13 in GPE0_STS register
0x1E
Assign GPIOx to bit 14 in GPE0_STS register
0x1F
Assign GPIOx to bit 15 in GPE0_STS register
y Value (y values may be ORed together to get the desired
combination of features)
0x01
Falling edge
0x02
Rising edge
0x04
Power button
0x08
Reserved
Note: For GPIO mapping, a value of 0000zyxx is used where:
z = a runtime/wake indicator
y = the edge to be used
xx = a bit in either PM1A_STS or GPE0_STS
When using V-ACPI both edges of GPIO6 can be
sensed. When using the CS5530, GPIO6 provides
additional hardware that enables the chipset to gener-
ate an SMI on both the rising and falling edges of the
input signal.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com