Electronic Components Datasheet Search
  English  ▼

X  

DAC8544 Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # DAC8544
Description  QUAD, 16-BIT, RAIL-TO-RAIL VOLTAGE OUTPUT, PARALLEL INTERFACE, DIGITAL-TO-ANALOG CONVERTER
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DAC8544 Datasheet(HTML) 8 Page - Texas Instruments

Back Button DAC8544 Datasheet HTML 4Page - Texas Instruments DAC8544 Datasheet HTML 5Page - Texas Instruments DAC8544 Datasheet HTML 6Page - Texas Instruments DAC8544 Datasheet HTML 7Page - Texas Instruments DAC8544 Datasheet HTML 8Page - Texas Instruments DAC8544 Datasheet HTML 9Page - Texas Instruments DAC8544 Datasheet HTML 10Page - Texas Instruments DAC8544 Datasheet HTML 11Page - Texas Instruments DAC8544 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
www.ti.com
TYPICAL CHARACTERISTICS
−0.005
−0.004
−0.003
−0.002
−0.001
0
0.001
0.002
0.003
0.004
0.005
0
10000
20000
30000
40000
50000
60000
Digital Input Code
−3
−2
−1
0
1
2
3
−40
−20
0
20
40
60
80
100
Gain
Full-Scale
Zero-Scale
VDD = 5.5 V
TA − Free-Air Temperature − °C
−5
0
5
10
15
20
25
30
35
40
−1
−0.4
0
0.4
1
TA = 25°C
Offset Error − mV
−0.2
−0.6
−0.8
0.2
0.6
0.8
−3
−2
−1
0
1
2
3
−40
−20
0
20
40
60
80
100
Gain
Full-Scale
Zero-Scale
VDD = 3.6 V
TA − Free-Air Temperature − °C
0
5
10
15
20
25
−1
−0.8
−0.6 −0.4
−0.2
0
0.2
0.4
0.6
0.8
1
TA = 25°C
Gain Error − mV
0
5
10
15
20
25
−1
−0.8
−0.6
−0.4
−0.2
0
0.2
0.4
0.6
0.8
1
TA = 25°C
Full Scale Error − mV
DAC8544
SLAS420 – MAY 2004
This condition applies to all typical characteristics: V
REF+ = VDD, VREF– = GND, TA = 25°C (unless otherwise noted)
TOTAL UNADJUSTED ERROR
ERROR
vs
vs
DIGITAL INPUT CODE
TEMPERATURE
Figure 1.
Figure 2.
ERROR
vs
OFFSET ERROR DISTRIBUTION
TEMPERATURE
(ACROSS MANY SAMPLES)
Figure 3.
Figure 4.
GAIN ERROR DISTRIBUTION
FULL SCALE ERROR DISTRIBUTION
(ACROSS MANY SAMPLES)
(ACROSS MANY SAMPLES)
Figure 5.
Figure 6.
8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com