Electronic Components Datasheet Search
  English  ▼

X  

DAC8544 Datasheet(PDF) 16 Page - Texas Instruments

Click here to check the latest version.
Part # DAC8544
Description  QUAD, 16-BIT, RAIL-TO-RAIL VOLTAGE OUTPUT, PARALLEL INTERFACE, DIGITAL-TO-ANALOG CONVERTER
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DAC8544 Datasheet(HTML) 16 Page - Texas Instruments

Back Button DAC8544 Datasheet HTML 12Page - Texas Instruments DAC8544 Datasheet HTML 13Page - Texas Instruments DAC8544 Datasheet HTML 14Page - Texas Instruments DAC8544 Datasheet HTML 15Page - Texas Instruments DAC8544 Datasheet HTML 16Page - Texas Instruments DAC8544 Datasheet HTML 17Page - Texas Instruments DAC8544 Datasheet HTML 18Page - Texas Instruments DAC8544 Datasheet HTML 19Page - Texas Instruments DAC8544 Datasheet HTML 20Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 16 / 20 page
background image
www.ti.com
FEEDBACK PINS
HOST PROCESSOR INTERFACING
DAC8544 to MSP430 Microcontroller
VDD
0.1 mF
10 mF
VDD
IOVDD
0.1 mF
10 mF
IOVDD
VFB
VOUT
VREF +
0.1 mF
1 to 10 mF
VREF
GND
IOGND
VREF −
A0
A1
PD
LDAC
RST
R/W
CS
16 Bits
8 Bits
8 Bits
D[15:0]
(Other Pins Omitted for Clarity)
P4[0:7]
P5[0:7]
P2:0
P2:1
P2:2
P2:4
P2:5
P2:6
P2:7
MSP430F149
DAC8544
VOUT
DAC8544 to TMS320C5402 DSP
DAC8544
SLAS420 – MAY 2004
For regular operation, the feedback pins (VFBA through VFBD) must be tied to their corresponding output pins
(VOUTA through VOUTD) at the load. For higher current applications sensitive to gain error, the feedback pin should
be routed to the target node, to sense the node voltage accurately (DAC8544 gain error is typically low, around 1
mV).
Figure 32 shows a typical parallel interface connection between the DAC8544 and a MSP430 microcontroller.
The setup for the interface shown uses ports 4 and 5 of the MSP430 to send or receive the 16-bit data while bits
0-7 of port 2 provides the control signals for the DAC. When data is to be transmitted to the DAC8544, the data
is made available to the DAC via P4 and P5, and P2.1 is taken low. The MSP430 then toggles P2.0 from
high-to-low and back to high, transferring the 16-bit data to the DAC. This data is loaded into the DAC register by
applying a rising edge to P2.4. The remaining five I/O signals of P2 shown in the figure control the reset,
power-down, and data format functions of the DAC. Depending on the specific requirements of a given
application, these pins may be tied to IOGND or IOVDD, enabling the desired mode of operation.
Figure 32. DAC8544 to MSP430 Microcontroller
Figure 33 shows the connections between the DAC8544 and the TMS320C5402 digital signal processor. Data is
provided via the parallel data bus of the DSP while the DAC CS control input is derived from the decoded I/O
strobe signal. The IOSTRB in addition to the R/W and XF(I/O) signals control the data transmission to and from
the DAC as well as the LDAC control. With additional decoding, multiple DAC8544s can be connected to the
same parallel data bus of the DSP.
16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com