Electronic Components Datasheet Search
  English  ▼

X  

DAC8544 Datasheet(PDF) 18 Page - Texas Instruments

Click here to check the latest version.
Part # DAC8544
Description  QUAD, 16-BIT, RAIL-TO-RAIL VOLTAGE OUTPUT, PARALLEL INTERFACE, DIGITAL-TO-ANALOG CONVERTER
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DAC8544 Datasheet(HTML) 18 Page - Texas Instruments

Back Button DAC8544 Datasheet HTML 12Page - Texas Instruments DAC8544 Datasheet HTML 13Page - Texas Instruments DAC8544 Datasheet HTML 14Page - Texas Instruments DAC8544 Datasheet HTML 15Page - Texas Instruments DAC8544 Datasheet HTML 16Page - Texas Instruments DAC8544 Datasheet HTML 17Page - Texas Instruments DAC8544 Datasheet HTML 18Page - Texas Instruments DAC8544 Datasheet HTML 19Page - Texas Instruments DAC8544 Datasheet HTML 20Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 18 / 20 page
background image
www.ti.com
LAYOUT
DAC8544
SLAS420 – MAY 2004
A precision analog component requires careful layout, adequate bypassing, and clean, well-regulated power
supplies. The following measures should be taken to assure optimum performance of the DAC8544. The
DAC8544 offers dual-supply operation, as it can often be used in close proximity with digital logic,
microcontrollers, microprocessors, and digital signal processors. The more digital logic present in the design and
the higher the switching speed, the more important it becomes to separate the analog and digital ground and
supply planes at the DAC.
Because the DAC8544 has both analog and digital ground pins, return currents can be better controlled and
have less effect on the DAC output error. Ideally, GND would be connected directly to an analog ground plane
and GND to the digital ground plane. The analog ground plane would be separate from the ground connection for
the digital components until they were connected at the power entry point of the system. The power applied to
VDD and VREF+ (this also applies to VREF– if not tied to GND) should be well-regulated and low-noise. Switching
power supplies and dc/dc converters often have high-frequency glitches or spikes riding on the output voltage. In
addition, digital components can create similar high-frequency spikes as their internal logic switches states. This
noise can easily couple into the DAC output voltage through various paths between the power connections and
analog output.
As with the GND connection, VDD should be connected to a 5-V power supply plane or trace that is separate
from the connection for digital logic until they are connected at the power entry point. In addition, the 1-µF to
10-µF and 0.1-µF bypass capacitors are strongly recommended. In some situations, additional bypassing may be
required, such as a 100-µF electrolytic capacitor or even a Pi filter made up of inductors and capacitors—all
designed to essentially lowpass-filter the VDD supply, removing the high-frequency noise.
18



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com