Electronic Components Datasheet Search
  English  ▼

X  

DAC8544 Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # DAC8544
Description  QUAD, 16-BIT, RAIL-TO-RAIL VOLTAGE OUTPUT, PARALLEL INTERFACE, DIGITAL-TO-ANALOG CONVERTER
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DAC8544 Datasheet(HTML) 10 Page - Texas Instruments

Back Button DAC8544 Datasheet HTML 6Page - Texas Instruments DAC8544 Datasheet HTML 7Page - Texas Instruments DAC8544 Datasheet HTML 8Page - Texas Instruments DAC8544 Datasheet HTML 9Page - Texas Instruments DAC8544 Datasheet HTML 10Page - Texas Instruments DAC8544 Datasheet HTML 11Page - Texas Instruments DAC8544 Datasheet HTML 12Page - Texas Instruments DAC8544 Datasheet HTML 13Page - Texas Instruments DAC8544 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
www.ti.com
2.4
2.5
2.6
2.7
2.8
0
1
2
3
4
5
VDD = 2.7 V
VREF = VDD −10 mV
DAC Loaded With FFFFH
ISOURCE − Source Current − mA
0
10000
20000
30000
40000
50000
60000
Digital Input Code
IREF Included
0
100
200
300
400
500
600
700
800
VDD = 5 V
VDD = 2.7 V
−40
−20
0
20
40
60
80
100
VDD = 5.5 V
VDD = 2.7 V
IREF Included, Midcode
TA − Free-Air Temperature − 5C
0
200
400
600
800
1000
1200
1400
1600
2.7
3.1
3.5
3.9
4.3
4.7
5.1
5.5
− Supply Voltage − V
V
DD
0
200
400
600
800
1000
1200
1400
1600
IREF = VDD, IDD Measured at Power-Up,
Reference Current Included, No Load
IDD − Supply Current − mA
VDD = 2.7 V
VDD = 5.5 V
IREF Included
0
500
1000
1500
2000
2500
3000
3500
4000
600
700
800
900
1000
1100
1200
1300
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0
1
2
3
4
5
IDD = 5.5 V
VIH = 2.7 V
Logic Input Voltage − V
DAC8544
SLAS420 – MAY 2004
TYPICAL CHARACTERISTICS (continued)
This condition applies to all typical characteristics: V
REF+ = VDD, VREF– = GND, TA = 25°C (unless otherwise noted)
SUPPLY CURRENT
vs
SOURCE CURRENT AT POSITIVE RAIL
DIGITAL INPUT CODE
Figure 13.
Figure 14.
SUPPLY CURRENT
SUPPLY CURRENT
vs
vs
TEMPERATURE
SUPPLY VOLTAGE
Figure 15.
Figure 16.
SUPPLY CURRENT
vs
LOGIC INPUT VOLTAGE
HISTOGRAM OF CURRENT CONSUMPTION
Figure 17.
Figure 18.
10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com