Electronic Components Datasheet Search
  English  ▼

X  

DAC8544 Datasheet(PDF) 17 Page - Texas Instruments

Click here to check the latest version.
Part # DAC8544
Description  QUAD, 16-BIT, RAIL-TO-RAIL VOLTAGE OUTPUT, PARALLEL INTERFACE, DIGITAL-TO-ANALOG CONVERTER
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DAC8544 Datasheet(HTML) 17 Page - Texas Instruments

Back Button DAC8544 Datasheet HTML 12Page - Texas Instruments DAC8544 Datasheet HTML 13Page - Texas Instruments DAC8544 Datasheet HTML 14Page - Texas Instruments DAC8544 Datasheet HTML 15Page - Texas Instruments DAC8544 Datasheet HTML 16Page - Texas Instruments DAC8544 Datasheet HTML 17Page - Texas Instruments DAC8544 Datasheet HTML 18Page - Texas Instruments DAC8544 Datasheet HTML 19Page - Texas Instruments DAC8544 Datasheet HTML 20Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 17 / 20 page
background image
www.ti.com
VDD
0.1 mF
10 mF
VDD
IOVDD
0.1 mF
10 mF
IOVDD
VFB
VOUT
VREF +
0.1 mF
1 to 10 mF
VREF
GND
IOGND
VREF −
LDAC
CS
16 Bits
D[15:0]
(Other Pins Omitted for Clarity)
D[15:0]
A[23:0]
IOSTRB
R/W
XF(I/O)
TMS320C5402
DAC8544
VOUT
Address
Decoder
EN
R/W
BIPOLAR OPERATION USING THE DAC8544
VOUT
VFB
VREF +
VREF −
R1 = 10 k
Ω
5 V
− 5 V
R2 = 10 k
Ω
±5 V
DAC8544
0.1
µF
10
µF
5 V
(Other Pins Omitted for Clarity)
OPA703
−
+
V
OUT
+
10
D
65536
* 5V
(3)
DAC8544
SLAS420 – MAY 2004
Figure 33. DAC8544 to TMS320 DSP
The DAC8544 has been designed for single-supply operation but a bipolar output range is also possible using
the circuit shown in Figure 34. The circuit allows the DAC8544 to achieve an analog output range of
±5 V.
Rail-to-rail operation at the amplifier output is achievable using an OPA703 as the output amplifier.
Figure 34. Bipolar Operation With the DAC8544
With VREF+ = 5 V, R1 = R2 = 10 kΩ:
17



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com