Electronic Components Datasheet Search
  English  ▼

X  

DAC8544 Datasheet(PDF) 14 Page - Texas Instruments

Click here to check the latest version.
Part # DAC8544
Description  QUAD, 16-BIT, RAIL-TO-RAIL VOLTAGE OUTPUT, PARALLEL INTERFACE, DIGITAL-TO-ANALOG CONVERTER
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DAC8544 Datasheet(HTML) 14 Page - Texas Instruments

Back Button DAC8544 Datasheet HTML 10Page - Texas Instruments DAC8544 Datasheet HTML 11Page - Texas Instruments DAC8544 Datasheet HTML 12Page - Texas Instruments DAC8544 Datasheet HTML 13Page - Texas Instruments DAC8544 Datasheet HTML 14Page - Texas Instruments DAC8544 Datasheet HTML 15Page - Texas Instruments DAC8544 Datasheet HTML 16Page - Texas Instruments DAC8544 Datasheet HTML 17Page - Texas Instruments DAC8544 Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 20 page
background image
www.ti.com
PARALLEL INTERFACE
LDAC FUNCTION
UPDATE SEQUENCE
READBACK
RST
DAC8544
SLAS420 – MAY 2004
THEORY OF OPERATION (continued)
The DAC8544 provides a 16-bit parallel interface and supports both writing to and reading from the DAC input
register. (See the timing characteristics section for detailed information for a typical write or read operation.) In
addition to the data, CS, and R/W inputs, the DAC8544's interface also provides power down, LDAC, and
reset/reset-select control. Table 1 and Table 2 show the control signal actions and data format, respectively.
These features are discussed in more detail in the remaining sections.
Table 1. DAC8544 CONTROL SIGNAL SUMMARY
CS
R/W
LDAC
RST
PD
ACTION
H
X
X
X
X
Device data I/O is disabled on the bus.(1)
↓
L
X
H,L
H
Write initiated, present input data to the bus.
↓
H
X
H,L
H
Read initiated, data from input register is presented to data bus.
↑
X
X
H,L
H
Input data is latched when writing to the device.
X
X
↑
H,L
H
Data from input register is transferred to DAC register and VOUT is updated.
DAC register and VOUT reset to min-scale. (If DAC is powered down during
X
X
X
↑
H
reset, DAC register resets and VOUT settles to min-scale on power up.)
X
X
X
X
L
Power down device, VOUT impedance equals high impedance
(1)
Only disables 16-bit data I/O interface. Other control lines remain active.
The DAC8544 is designed using a double-buffered architecture. A write operation (rising edge of CS while R/W
is low) transfers data from the data input pins into the input register. The data is held in the input register until a
rising-edge is detected on the LDAC input. This rising-edge signal transfers the data from the input register to the
DAC register. On issuance of the rising LDAC edge, the output of the DAC8544 begins settling to the newly
written data value presented to the DAC register. Data in the input register is not changed when an LDAC rising
edge occurs.
For regular operation, R/W pin should be kept low while CS is kept high. Then, the 16-bit digital data should be
applied to the input bus. The channel selection should then be asserted by setting the A0 and A1 pins. The
falling edge of CS enables the device. Once the data is stable and the channels are selected, the first rising edge
of the CS signal latches the data to the input register of the selected channel. After the data is latched to the
input register, the rising edge of the LDAC signal updates all four channels simultaneously with existing data from
their corresponding input register.
For read-back operation, the user first releases the 16-bit bus, while CS is high. Then, the DAC channel should
be selected using the A0 and A1 pins. R/W pin is then brought high to enable read-back operation. Following the
falling edge of CS, the data from the selected channel (buffer data) is output on the bus.
The RST input controls the reset of the DAC register and, consequently, the DAC output, but does not change
the input register. The reset operation is edge-triggered by a low-to-high transition on the RST pin. Once a rising
edge on RST is detected, the DAC output settles to the zero code. Application of a valid reset signal to the DAC
does not overwrite existing data in the input register.
14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com