Electronic Components Datasheet Search
  English  ▼

X  

ADS8342IPFBT Datasheet(PDF) 2 Page - Texas Instruments

Part # ADS8342IPFBT
Description  16-Bit, 250kSPS, 4-Channel, PARALLEL Output ANALOG-TO-DIGITAL CONVERTER
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADS8342IPFBT Datasheet(HTML) 2 Page - Texas Instruments

  ADS8342IPFBT Datasheet HTML 1Page - Texas Instruments ADS8342IPFBT Datasheet HTML 2Page - Texas Instruments ADS8342IPFBT Datasheet HTML 3Page - Texas Instruments ADS8342IPFBT Datasheet HTML 4Page - Texas Instruments ADS8342IPFBT Datasheet HTML 5Page - Texas Instruments ADS8342IPFBT Datasheet HTML 6Page - Texas Instruments ADS8342IPFBT Datasheet HTML 7Page - Texas Instruments ADS8342IPFBT Datasheet HTML 8Page - Texas Instruments ADS8342IPFBT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 28 page
background image
ADS8342
SBAS277 – MAY 2003
www.ti.com
2
This integrated circuit can be damaged by ESD. Texas Instruments recommends that all integrated
circuits be handled with appropriate precautions. Failure to observe proper handling and installation
procedures can cause damage.
ESD damage can range from subtle performance degradation to complete device failure. Precision integrated circuits
may be more susceptible to damage because very small parametric changes could cause the device not to meet
its published specifications.
ORDERING INFORMATION
PRODUCT
MAXIMUM
INTEGRAL
LINEARITY
ERROR
(LSB)
NO
MISSING
CODES
(Bits)
PACKAGE–
LEAD
PACKAGE
DESIGNATOR(1)
SPECIFIED
TEMPERATURE
RANGE
ORDERING
NUMBER
TRANSPORT
MEDIA,
QUANTITY
ADS8342
±6
15
TQFP 48
PFB
40
°Ct
85
°C
ADS8342IPFBT
Tape and Reel,
250
ADS8342
±6
15
TQFP-48
PFB
–40
°C to +85°C
ADS8342IPFBR
Tape and Reel,
2000
ADS8342
±4
16
TQFP 48
PFB
40
°Ct
85
°C
ADS8342IBPFBT
Tape and Reel,
250
ADS8342
±4
16
TQFP-48
PFB
–40
°C to +85°C
ADS8342IBPFBR
Tape and Reel,
2000
(1) For the most current specification and package information, refer to our web site at www.ti.com.
ABSOLUTE MAXIMUM RATINGS
over operating free-air temperature range unless otherwise noted(1)
ADS8342I
UNIT
Supply voltage, +AVDD to AGND and +DVDD to DGND
–0.3 to 6
V
Supply voltage, –AVDD to AGND and –DVDD to DGND
–6 to 0.3
V
Supply voltage, BVDD to BGND
–0.3 to 6
V
Analog input voltage to AGND
–AVDD – 0.3 to +AVDD + 0.3
V
Reference voltage, REFIN to AGND
–0.3 to +AVDD + 0.3
V
Common voltage to AGND
–0.3 to +0.3
V
Digital input voltage to BGND
BGND – 0.3 to BVDD + 0.3
V
Ground voltage differences, AGND to REFGND or BGND or DGND
–0.3 to 0.3
V
Voltage differences, BVDD or +DVDD to AGND
–0.3 to 6
V
Voltage differences, +DVDD to +AVDD and –DVDD to –AVDD
–0.3 to 0.3
V
Voltage differences, BVDD to DVDD
–(+DVDD) to 0.3
V
Input current to any pin except supply
–20 to 20
mA
Power dissipation
see Package Dissipation Ratings table
Operating virtual junction temperature range, TJ
–40 to +150
°C
Operating free-air temperature range, TA
–40 to +85
°C
Storage temperature range, TSTG
–65 to +150
°C
Lead temperature 1.6mm (1/16 inch) from case for 10 seconds
+300
°C
(1) Stresses above these ratings may cause permanent damage. Exposure to absolute maximum conditions for extended periods may degrade
device reliability. These are stress ratings only, and functional operation of the device at these or any other conditions beyond those specified is
not implied.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com