Electronic Components Datasheet Search
  English  ▼

X  

ADS8342IPFBT Datasheet(PDF) 1 Page - Texas Instruments

Part # ADS8342IPFBT
Description  16-Bit, 250kSPS, 4-Channel, PARALLEL Output ANALOG-TO-DIGITAL CONVERTER
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADS8342IPFBT Datasheet(HTML) 1 Page - Texas Instruments

  ADS8342IPFBT Datasheet HTML 1Page - Texas Instruments ADS8342IPFBT Datasheet HTML 2Page - Texas Instruments ADS8342IPFBT Datasheet HTML 3Page - Texas Instruments ADS8342IPFBT Datasheet HTML 4Page - Texas Instruments ADS8342IPFBT Datasheet HTML 5Page - Texas Instruments ADS8342IPFBT Datasheet HTML 6Page - Texas Instruments ADS8342IPFBT Datasheet HTML 7Page - Texas Instruments ADS8342IPFBT Datasheet HTML 8Page - Texas Instruments ADS8342IPFBT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 28 page
background image
SBAS277 – MAY 2003
16Bit, 250kSPS, 4Channel, Parallel Output
ANALOGTODIGITAL CONVERTER
ADS8342
FEATURES
D True Bipolar Input
D Input Signal Range: ±2.5V
D 4-Channel Input Multiplexer
D Up to 250kSPS Sampling Rate
D Selectable 8-Bit or 16-Bit Parallel Interface
D 16-Bit Ensured No Missing Codes
D Offset: 1mV max
D Low Power: 200mW
D TQFP-48 Package
D Operating Temperature Range: –40°C to +85°C
APPLICATIONS
D Data Acquisition
D Test and Measurement
D Industrial Process Control
D Medical Instruments
D Laboratory Equipment
DESCRIPTION
The ADS8342 is a 4-channel, 16-bit analog-to-digital
converter
(ADC).
It
contains
a
16-bit
succesive
approximation register (SAR), a capacitor-based ADC with
an inherent sample-and-hold circuit, an interface for
microprocessor use, and parallel 3-state output drivers. The
ADS8342 is specified at a 250kHz sampling rate while
dissipating only 200mW of power using a
±5V power supply.
The ADS8342 is available in a TQFP-48 package and is
ensured over the –40
°C to +85°C temperature range.
www.ti.com
Copyright
 2003, Texas Instruments Incorporated
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas Instruments
semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date. Products
conform to specifications per the terms of Texas Instruments standard warranty.
Production processing does not necessarily include testing of all parameters.


Similar Part No. - ADS8342IPFBT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS8342IPFBT TI-ADS8342IPFBT Datasheet
817Kb / 10P
16 BIT 250KSPS4 CHANNEL PARALLEL OUTPUT ANALOG TO DIGITAL CONVERTER
More results

Similar Description - ADS8342IPFBT

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
ADS7842 BURR-BROWN-ADS7842 Datasheet
139Kb / 13P
12-Bit, 4-Channel Parallel Output Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
ADS8341 TI-ADS8341 Datasheet
417Kb / 18P
16-Bit, 4-Channel Serial Output Sampling ANALOG-TO-DIGITAL CONVERTER
ADS8342 TI-ADS8342 Datasheet
817Kb / 10P
16 BIT 250KSPS4 CHANNEL PARALLEL OUTPUT ANALOG TO DIGITAL CONVERTER
logo
Burr-Brown (TI)
ADS8343 BURR-BROWN-ADS8343 Datasheet
446Kb / 18P
16-Bit, 4-Channel Serial Output Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
ADS8519 TI-ADS8519_08 Datasheet
614Kb / 27P
16-Bit, 250kSPS, Serial, CMOS, Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Burr-Brown (TI)
ADS8343E2K5 BURR-BROWN-ADS8343E2K5 Datasheet
874Kb / 23P
16-Bit, 4-Channel Serial Output Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
ADS8343 TI1-ADS8343_14 Datasheet
889Kb / 24P
16-Bit, 4-Channel Serial Output Sampling ANALOG-TO-DIGITAL CONVERTER
ADS7842 TI1-ADS7842_14 Datasheet
849Kb / 21P
12-Bit, 4-Channel Parallel Output Sampling ANALOG-TO-DIGITAL CONVERTER
ADS8519 TI1-ADS8519_14 Datasheet
652Kb / 29P
16-Bit, 250kSPS, Serial, CMOS, Sampling ANALOG-TO-DIGITAL CONVERTER
ADS8341 TI1-ADS8341_15 Datasheet
1Mb / 24P
16-Bit, 4-Channel Serial Output Sampling ANALOG-TO-DIGITAL CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com