Electronic Components Datasheet Search
  English  ▼

X  

ADS8342IPFBT Datasheet(PDF) 9 Page - Texas Instruments

Part # ADS8342IPFBT
Description  16-Bit, 250kSPS, 4-Channel, PARALLEL Output ANALOG-TO-DIGITAL CONVERTER
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADS8342IPFBT Datasheet(HTML) 9 Page - Texas Instruments

Back Button ADS8342IPFBT Datasheet HTML 5Page - Texas Instruments ADS8342IPFBT Datasheet HTML 6Page - Texas Instruments ADS8342IPFBT Datasheet HTML 7Page - Texas Instruments ADS8342IPFBT Datasheet HTML 8Page - Texas Instruments ADS8342IPFBT Datasheet HTML 9Page - Texas Instruments ADS8342IPFBT Datasheet HTML 10Page - Texas Instruments ADS8342IPFBT Datasheet HTML 11Page - Texas Instruments ADS8342IPFBT Datasheet HTML 12Page - Texas Instruments ADS8342IPFBT Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 28 page
background image
ADS8342
SBAS277 – MAY 2003
www.ti.com
9
Terminal Functions
TERMINAL
TYPE(1)
NAME
NO.
DESCRIPTION
Analog Input Signals
AIN0
45
AI
Analog input 0
AIN1
46
AI
Analog input 1
AIN2
47
AI
Analog input 2
AIN3
48
AI
Analog input 3
COMMON
44
AI
Analog input common signal
REFIN
41
AI
Reference voltage input pin for external reference voltage. Decouple to reference ground with a 0.1
µF
ceramic capacitor.
REFGND
42
AI
Reference ground. Connected to the ground of the external reference voltage.
Digital Interface Signals
A(x)
5, 6
DI
Address decode input, select analog input.
DB(x)
16–23,
26–33
DO
Output 3-state data bus. DB15 (MSB) to DB0 (LSB). Data lines are 3-state during conversion.
RD should be asserted only when the part is not converting.
CS
10
DI
Active low chip select signal
RD
9
DI
Active low read signal
CLK
11
DI
System clock
CLKDIV(x)
3, 4
DI
Select clock divider ratio. Internally divides external clock (pin 11) by 1, 2, 4, or 8.
CONV
8
DI
Convert start. When CONV switches from high to low, the device switches from sample mode to hold
mode, independent of the external clock status. The address for the next conversion will be latched on
low-to-high transition.
BUSY
15
DO
BUSY goes high during a conversion and returns low at the end when data is available for reading.
BYTE
7
DI
Active high bus width is 8 bits. When BYTE is low, the bus width is 16 bits.
Power Supply
+AVDD
39
P
Positive analog power supply, +5VDC. Decouple to analog ground with a 0.1µF ceramic capacitor and a
4.7
µF tantalum capacitor. Referenced to the same power supply as +DVDD (pin 12).
–AVDD
37
P
Negative analog power supply –5VDC. Decouple to analog ground with a 0.1µF ceramic capacitor and
a 4.7
µF tantalum capacitor. Referenced to the same power supply as –DVDD (pin 14).
BVDD
24
P
Digital I/O power supply in the range 2.7V to DVDD. Decouple to digital I/O ground with a 0.1µF
ceramic capacitor and a 4.7
µF tantalum capacitor.
+DVDD
12
P
Positive digital power supply +5VDC. Decouple to digital ground with a 0.1µF ceramic capacitor and a
4.7
µF tantalum capacitor. Referenced to the same power supply as +AVDD (pin 39).
–DVDD
14
P
Negative digital power supply –5VDC. Decouple to digital ground with a 0.1µF ceramic capacitor and a
4.7
µF tantalum capacitor. Referenced to the same power supply as –AVDD (pin 37).
AGND
36, 38
P
Analog ground. Connected directly to digital ground (pin 13) and digital I/O ground (pin 25).
BGND
25
P
Digital I/O ground. Connected directly to analog ground (pins 36 and 38) and digital ground (pin 13).
DGND
13
P
Digital ground. Connected directly to analog ground (pins 36 and 38) and digital I/O ground (pin 25).
(1) AI is analog input, AO is analog output, DI is digital input, DO is digital output, and P is power-supply connection.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com