Electronic Components Datasheet Search
  English  ▼

X  

ADS8342IPFBT Datasheet(PDF) 11 Page - Texas Instruments

Part # ADS8342IPFBT
Description  16-Bit, 250kSPS, 4-Channel, PARALLEL Output ANALOG-TO-DIGITAL CONVERTER
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADS8342IPFBT Datasheet(HTML) 11 Page - Texas Instruments

Back Button ADS8342IPFBT Datasheet HTML 7Page - Texas Instruments ADS8342IPFBT Datasheet HTML 8Page - Texas Instruments ADS8342IPFBT Datasheet HTML 9Page - Texas Instruments ADS8342IPFBT Datasheet HTML 10Page - Texas Instruments ADS8342IPFBT Datasheet HTML 11Page - Texas Instruments ADS8342IPFBT Datasheet HTML 12Page - Texas Instruments ADS8342IPFBT Datasheet HTML 13Page - Texas Instruments ADS8342IPFBT Datasheet HTML 14Page - Texas Instruments ADS8342IPFBT Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 28 page
background image
ADS8342
SBAS277 – MAY 2003
www.ti.com
11
TIMING REQUIREMENTS(1)(2)
Over recommended operating free-air temperature range at –40
°C to +85°C, and BVDD = +5V, unless otherwise noted.
ADS8342I
ADS8342IB
PARAMETER
SYMBOL
MIN
MAX
MIN
MAX
UNIT
Conversion time
tCONV
17
:
tC1
Acquisition time
tACQ
3
:
tC1
CLK period
tC1
0.2
2
:
:
µs
CLK high time (for 5MHz clock frequency)
tW1
25
:
ns
CLK low time (for 5MHz clock frequency)
tW2
40
:
ns
CONV low to CLK high
tD1
40
:
ns
CONV low time
tW3
40
:
ns
CS low to CONV low
tD2
0
:
ns
CONV low to BUSY high
tD3
70
:
ns
CONV and CS high to 2nd CLK high(3)
tD4
80
:
ns
18 CLK high to BUSY low
tD5
60
:
ns
18 CLK low to CS low
tD6
0
:
ns
CS low to RD low
tD7
0
:
ns
CS high time
tW4
40
:
ns
RD low time
tW5
40
:
ns
RD low to data valid
tD8
25
:
ns
RD high to CS high
tD9
0
:
ns
Data hold from RD high
tD10
5
:
ns
RD high to CONV low
tD11
1.5
:
tC1
RD high time
tW6
40
:
ns
BYTE change to RD low(4)
tD12
20
:
ns
A0 and A1 to CONV low
tD13
40
:
ns
A0 and A1 hold to CONV high
tD14
10
:
ns
: Indicates the same specifications as the ADS8342I.
(1) All input signals are specified with rise and fall times of 5ns, tR = tF = 5ns (10% to 90% of BVDD), and timed from a voltage level of (VIL + VIH)/2.
(2) See timing diagram in Figure 2.
(3) CS can stay low during conversion. If it is not held low, then CS high to 2nd CS high must be > 80ns (tD4)
(4) BYTE is asynchronous. When BYTE is 0, bits 15 through 0 appear at DB15–DB0. When BYTE is 1, bits 15 through 8 appear on DB7–DB0.
RD may remain low between changes in BYTE.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com