Electronic Components Datasheet Search
  English  ▼

X  

ADS8342IPFBT Datasheet(PDF) 3 Page - Texas Instruments

Part # ADS8342IPFBT
Description  16-Bit, 250kSPS, 4-Channel, PARALLEL Output ANALOG-TO-DIGITAL CONVERTER
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADS8342IPFBT Datasheet(HTML) 3 Page - Texas Instruments

  ADS8342IPFBT Datasheet HTML 1Page - Texas Instruments ADS8342IPFBT Datasheet HTML 2Page - Texas Instruments ADS8342IPFBT Datasheet HTML 3Page - Texas Instruments ADS8342IPFBT Datasheet HTML 4Page - Texas Instruments ADS8342IPFBT Datasheet HTML 5Page - Texas Instruments ADS8342IPFBT Datasheet HTML 6Page - Texas Instruments ADS8342IPFBT Datasheet HTML 7Page - Texas Instruments ADS8342IPFBT Datasheet HTML 8Page - Texas Instruments ADS8342IPFBT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 28 page
background image
ADS8342
SBAS277 – MAY 2003
www.ti.com
3
PACKAGE DISSIPATION RATINGS
BOARD
PACKAGE
R
ΘJC
(
°C/W)
R
ΘJA
(
°C/W)
DERATING FACTOR
ABOVE TA ≤ +25°C
(mW/
°C)
TA ≤ +25°C
POWER RATING
(mW)
TA ≤ +70°C
POWER RATING
(mW)
TA = +85°C
POWER RATING
(mW)
Low K
PFB
19.6
97.5
10.256
1282
820
666
High K
PFB
19.6
63.7
15.698
1962
1255
1020
(1) The JEDEC Low K(1s) board design used to derive this data was a 3 inch x 3 inch, 2-layer board with 2-ounce copper traces on top of the board.
(2) The JEDEC High K(2s2p) board design used to derive this data was a 3 inch x 3 inch, multilayer board with 1-ounce internal power and ground
planes and 2-ounce copper traces on the top and bottom of the board.
RECOMMENDED OPERATING CONDITIONS
MIN
NOM
MAX
UNIT
Supply voltage, +AVDD to AGND
4.75
5
5.25
V
Supply voltage, –AVDD to AGND
–5.25
–5
–4.75
V
Supply voltage BV
to BGND
Low-voltage levels
2.7
3.6
V
Supply voltage, BVDD to BGND
5V logic levels
4.5
+DVDD
V
Supply voltage, +DVDD to DGND
4.75
5
5.25
V
Supply voltage, –DVDD to DGND
–5.25
–5
–4.75
V
Reference input voltage
2.0
2.5
2.55
V
Analog input voltage
–REFIN
+REFIN
V
Common voltage
–0.3
0
+0.3
V
Ground differences, AGND to REFGND or BGND or DGND
–0.01
0
0.01
V
Voltage differences, +DVDD to +AVDD and –DVDD to –AVDD
–0.01
0
0.01
V
EQUIVALENT INPUT CIRCUIT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com