Electronic Components Datasheet Search
  English  ▼

X  

ADS8342IPFBT Datasheet(PDF) 5 Page - Texas Instruments

Part # ADS8342IPFBT
Description  16-Bit, 250kSPS, 4-Channel, PARALLEL Output ANALOG-TO-DIGITAL CONVERTER
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADS8342IPFBT Datasheet(HTML) 5 Page - Texas Instruments

  ADS8342IPFBT Datasheet HTML 1Page - Texas Instruments ADS8342IPFBT Datasheet HTML 2Page - Texas Instruments ADS8342IPFBT Datasheet HTML 3Page - Texas Instruments ADS8342IPFBT Datasheet HTML 4Page - Texas Instruments ADS8342IPFBT Datasheet HTML 5Page - Texas Instruments ADS8342IPFBT Datasheet HTML 6Page - Texas Instruments ADS8342IPFBT Datasheet HTML 7Page - Texas Instruments ADS8342IPFBT Datasheet HTML 8Page - Texas Instruments ADS8342IPFBT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 28 page
background image
ADS8342
SBAS277 – MAY 2003
www.ti.com
5
ELECTRICAL CHARACTERISTICS (continued)
Over recommended operating free-air temperature range at –40
°C to +85°C, ±AVDD =±DVDD =±5V, BVDD = +5V, VREF = +2.5V, fCLK = 5MHz, and
fSAMPLE = 250kSPS, unless otherwise noted.
PARAMETER
UNIT
ADS8342IB
ADS8342I
TEST CONDITIONS
PARAMETER
UNIT
MAX
TYP(1)
MIN
MAX
TYP(1)
MIN
TEST CONDITIONS
Voltage Reference Input
Reference voltage
2.0
2.5
2.55
:
:
:
V
Reference input resistance
100
:
M
Ω
Reference input capacitance
5
:
pF
Reference input current
25
:
nA
5V Digital Inputs(3)
Logic family
CMOS
High-level input voltage (VIH)
0.7
× BVDD
BVDD + 0.3
V
Low-level input voltage (VIL)
–0.3
0.3
× BVDD
V
Input leakage current (IIN)
VI = BVDD or GND
±50
nA
Input capacitance (CI)
5
pF
5V Digital Outputs(3)
Logic family
CMOS
High-level output voltage (VOH)
IOH = –100µA
4.4
V
Low-level output voltage (VOL)
IOL = +100µA
0.5
V
High-impeadance-state output current
(IOZ)
CS = BVDD, VO = BVDD or
GND
±50
nA
Output capacitance (CO)
5
pF
Load capacitance (CL)
20
pF
Data format
Binary Two’s Complement
3V Digital Inputs(4)
Logic family
LVCMOS
High-level input voltage (VIH)
BVDD = 3.6V
2
BVDD + 0.3
V
Low-level input voltage (VIL)
BVDD = 2.7V
–0.3
0.8
V
Input leakage current (IIN)
VI = BVDD or GND
±50
nA
Input capacitance (CI)
5
pF
3V Digital Outputs(4)
Logic family
LVCMOS
High-level output voltage (VOH)
BVDD = 2.7V, IOH = –100µA BVDD – 0.3
V
Low-level output voltage (VOL)
BVDD = 2.7V, IOL = +100µA
0.2
V
High-impeadance-state output current
(IOZ)
CS = BVDD, VO = BVDD or
GND
±50
nA
Output capacitance (CO)
5
pF
Load capacitance (CL)
20
pF
Data format
Binary Two’s Complement
: Indicates the same specifications as the ADS8342I.
(1) All typical values are at TA = +25°C.
(2) Ensured by design.
(3) Applies for 5.0V nominal supply: BVDD (min) = 4.5V and BVDD (max) = 5.5V.
(4) Applies for 3.0V nominal supply: BVDD (min) = 2.7V and BVDD (max) = 3.6V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com