Electronic Components Datasheet Search
  English  ▼

X  

CC3000MOD Datasheet(PDF) 4 Page - Texas Instruments

Part # CC3000MOD
Description  Module ??Wi-Fi 802.11b/g Network Processor
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CC3000MOD Datasheet(HTML) 4 Page - Texas Instruments

  CC3000MOD Datasheet HTML 1Page - Texas Instruments CC3000MOD Datasheet HTML 2Page - Texas Instruments CC3000MOD Datasheet HTML 3Page - Texas Instruments CC3000MOD Datasheet HTML 4Page - Texas Instruments CC3000MOD Datasheet HTML 5Page - Texas Instruments CC3000MOD Datasheet HTML 6Page - Texas Instruments CC3000MOD Datasheet HTML 7Page - Texas Instruments CC3000MOD Datasheet HTML 8Page - Texas Instruments CC3000MOD Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 19 page
background image
CC3000
SWRS126 – NOVEMBER 2012
www.ti.com
Table 1. CC3000 Module Pins Description (continued)
Pin
Signal Name
Type
State at
State After
Voltage Level
Description
Reset
Reset
15
SPI_DIN
I
Hi-Z
PU
VIO_HOST
Host interface SPI data in
16
GND
GND
—
—
—
Ground
17
SPI_CLK
I
Hi-Z
PD
VIO_HOST
Host interface SPI clock
18
GND
GND
—
—
—
Ground
19
VBAT_IN
Power
—
—
VBAT
Power supply input, 2.7 to 4.8 V
20
GND
GND
—
—
—
Ground
21
EXT_32K
—
—
—
—
Not used. Connect to ground.
22
GND
GND
—
—
—
Ground
23
VIO_HOST
Power
—
—
VIO_HOST
VIO host supply voltage
24
Reserved 3
—
—
—
—
Reserved. Connect to test point.
25
GND
GND
—
—
—
Ground
26
VBAT_SW_EN
I
—
—
VIO_HOST
Module enable. Connect to host GPIO.
27
SDA_EEPROM(3)
I/O
1.8 V
I2C data line from EEPROM
28
SDA_CC3000(3)
I/O
1.8 V
I2C data line from the CC3000 module
29
SCL_EEPROM(4)
I/O
1.8 V
I2C clock line from EEPROM
30
SCL_CC3000(4)
I/O
1.8 V
I2C clock line from the CC3000
module
31
GND
GND
—
—
—
Ground
32
GND
GND
—
—
—
Ground
33
GND
GND
—
—
—
Ground
34
GND
GND
—
—
—
Ground
35
RF_ANT
RF
—
—
—
WLAN antenna port, 50-
Ω single
36
GND
GND
—
—
—
Ground
37
GND
GND
—
—
—
Ground
38
GND
GND
—
—
—
Ground
39
GND
GND
—
—
—
Ground
40
GND
GND
—
—
—
Ground
41
GND
GND
—
—
—
Ground
42
GND
GND
—
—
—
Ground
43
GND
GND
—
—
—
Ground
44
GND
GND
—
—
—
Ground
45
GND
GND
—
—
—
Ground
46
GND
GND
—
—
—
Ground
(3)
Connect SDA_EEPROM and SDA_CC3000 through a 0-
Ω resistor.
(4)
Connect SLC_EEPROM and SLC_CC3000 through a 0-
Ω resistor.
4
Submit Documentation Feedback
Copyright © 2012, Texas Instruments Incorporated
Product Folder Links: CC3000
Not Recommended For New Designs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com