Electronic Components Datasheet Search
  English  ▼

X  

CC3000MOD Datasheet(PDF) 12 Page - Texas Instruments

Part # CC3000MOD
Description  Module ??Wi-Fi 802.11b/g Network Processor
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CC3000MOD Datasheet(HTML) 12 Page - Texas Instruments

Back Button CC3000MOD Datasheet HTML 8Page - Texas Instruments CC3000MOD Datasheet HTML 9Page - Texas Instruments CC3000MOD Datasheet HTML 10Page - Texas Instruments CC3000MOD Datasheet HTML 11Page - Texas Instruments CC3000MOD Datasheet HTML 12Page - Texas Instruments CC3000MOD Datasheet HTML 13Page - Texas Instruments CC3000MOD Datasheet HTML 14Page - Texas Instruments CC3000MOD Datasheet HTML 15Page - Texas Instruments CC3000MOD Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 19 page
background image
TP4 and TP5 -
CC3000 Radio Tool Connection 1.8V.
TI CC3000MOD Module Reference Design
Internal Power FET Switch Enable.
Connect to Host GPIO.
VIO_HOST =
Voltage level of the Host Interface.
VBAT_IN: 2.7V~4.8V => 3.6V TYP
The value of antenna matching components
are match for CC3000MOD EM board
Connect to Host SPI Interface.
R4
R5
Mode
Function mode
Test Mode
for Radio Tool Operation
0R
0R
NC
NC
Optional for conductive measurment
WL_SPI_DOUT_HOST
WL_SPI_IRQ_HOST
WL_SPI_DIN_HOST
WL_SPI_CLK_HOST
WL_SPI_CS_HOST
VBAT_SW_EN
VBAT_IN
VIO_HOST
R4
NL
RES1005
L1
NL
IND1005
U1
CC3000MOD
4
2
7
5
3
6
8
21
25
9
28
27
22
26
19
23
1
10
20
24
RESERVED_2
RESERVED_1
WL_EN1
WL_EN2
NC
WL_RS232_TX
WL_RS232_RX
EXT_32K
GND
GND
SDA_CC3000
SDA_EEPROM
GND
VBAT_SW_EN
VBAT_IN
VIO_HOST
GND
GND
GND
RESERVED_3
C5
1uF
CAP1005
TP5
L2
2.2nH
IND1005
TP3
C4
1uF
CAP1005
R5
0R
RES1005
C3
NL_10pF
CAP1005
TP2
R2
0R
RES1005
TP4
C1
2.2pF
CAP1005
ANT1
AT8010-E2R9HAA
8.0x1.0x1.0mm
1
C2
10pF
CAP1005
TP1
J1
NL_U.FL-R-SMT(10)
U.FL
1
2
3
R1
0R
RES1005
SWRS126-009
CC3000
SWRS126 – NOVEMBER 2012
www.ti.com
REFERENCE SCHEMATICS AND BILL OF MATERIALS
Figure 9 shows the schematics for the CC3000 to host reference design.
Figure 9. CC3000 Module to Host Reference Design
NOTE
For flexibility, VIO_HOST supports both cases in which the VBAT and VIO voltages of the
MCU can be the same or different.
Table 9 lists the bill of materials.
Table 9. Bill of Materials
Part Reference
Description
Manufacturer
Manufacturer PN
ANT1
2.4-GHz chip antenna, 8.0 × 1.0 mm
ACX
AT8010-E2R9HAA
C1
C0402, 2.2 pF
Walsin
0402N2R2C500LT
L2
L0402, 2.2 nH
ACX
Hl1005-1C2N2SMT
C2(1)
C0402, 10 pF
Walsin
0402N100J500LT
C4, C5(1)
C0402, 1 µF
Murata
GRM155R60J105KE19D
R1, R2, R5(1)
R0402, 0R
Walsin
WR04X000PTL
J1
RF coaxial U.FL, SMD
Hirose
U.FL-R-SMT-1(10)
(1)
Any component with similar values can be used.
12
Submit Documentation Feedback
Copyright © 2012, Texas Instruments Incorporated
Product Folder Links: CC3000
Not Recommended For New Designs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com