Electronic Components Datasheet Search
  English  ▼

X  

CC3000MOD Datasheet(PDF) 9 Page - Texas Instruments

Part # CC3000MOD
Description  Module ??Wi-Fi 802.11b/g Network Processor
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CC3000MOD Datasheet(HTML) 9 Page - Texas Instruments

Back Button CC3000MOD Datasheet HTML 5Page - Texas Instruments CC3000MOD Datasheet HTML 6Page - Texas Instruments CC3000MOD Datasheet HTML 7Page - Texas Instruments CC3000MOD Datasheet HTML 8Page - Texas Instruments CC3000MOD Datasheet HTML 9Page - Texas Instruments CC3000MOD Datasheet HTML 10Page - Texas Instruments CC3000MOD Datasheet HTML 11Page - Texas Instruments CC3000MOD Datasheet HTML 12Page - Texas Instruments CC3000MOD Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 19 page
background image
SWRS126-005
VBAT_IN
VIO_HOST
VBAT_SW_EN
SPI_IRQ
SPI_CS
T0
T1
T2
CC3000
www.ti.com
SWRS126 – NOVEMBER 2012
POWER-UP SEQUENCE
Figure 5 demonstrates the wake-up sequence of the CC3000 module.
Figure 5. CC3000 Module Power-On Sequences
NOTE
•
VBAT_IN and VIO_HOST must be available before VBAT_SW_EN is asserted.
•
At wake-up time (T1): The CC3000 module powers up after SPI_IRQ changes state to
LOW. T1 is approximately 53 ms.
•
At T2: The normal master SPI write sequence is SPI_CS low, followed by SPI_IRQ low
(CC3000 host), indicating that the CC3000 core module is ready to accept data. T2
duration is approximately 7 ms.
CC3000 Enable Pins Configuration
Table 5 describes the CC3000 mode of operation based on the enable (EN) pins setting.
Table 5. CC3000 EN Pins Configuration
Mode
State
WL_EN1: Leave disconnected.
Test mode(1)
WL_EN2: Connect to ground.
Functional mode(2)
WL_EN1 and WL_EN2 are shorted together.
(1)
For CC3000 radio tool operation
(2)
For normal operation
Copyright © 2012, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: CC3000
Not Recommended For New Designs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com