Electronic Components Datasheet Search
  English  ▼

X  

CC3000MOD Datasheet(PDF) 11 Page - Texas Instruments

Part # CC3000MOD
Description  Module ??Wi-Fi 802.11b/g Network Processor
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CC3000MOD Datasheet(HTML) 11 Page - Texas Instruments

Back Button CC3000MOD Datasheet HTML 7Page - Texas Instruments CC3000MOD Datasheet HTML 8Page - Texas Instruments CC3000MOD Datasheet HTML 9Page - Texas Instruments CC3000MOD Datasheet HTML 10Page - Texas Instruments CC3000MOD Datasheet HTML 11Page - Texas Instruments CC3000MOD Datasheet HTML 12Page - Texas Instruments CC3000MOD Datasheet HTML 13Page - Texas Instruments CC3000MOD Datasheet HTML 14Page - Texas Instruments CC3000MOD Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 19 page
background image
CC3000MOD
YYWWSSF
6.0 mm
SWRS126-008
CC3000
www.ti.com
SWRS126 – NOVEMBER 2012
Package Marking
Figure 8 shows the CC3000 module package marking.
Figure 8. CC3000 Module Package Marking
Table 7 defines the marking code.
Table 7. Package Marking Definitions
Code
Definition
YYWWSSF
Date
YY
Year (for example, 2012 = 12)
WW
Week (01 through 53)
SS
Serial number from 01 to 99 to match manufacturer lot number
F
Reserved for internal use
Ordering Information
Table 8 lists the CC3000 module part numbers.
Table 8. CC3000 Module Part Numbers
Order Number
Description
CC3000MOD
CC3000 module, 44 modules per tray
CC3000MODR
CC3000 module reel, 1200 modules per reel
Copyright © 2012, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: CC3000
Not Recommended For New Designs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com