Electronic Components Datasheet Search
  English  ▼

X  

CC3000MOD Datasheet(PDF) 10 Page - Texas Instruments

Part # CC3000MOD
Description  Module ??Wi-Fi 802.11b/g Network Processor
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CC3000MOD Datasheet(HTML) 10 Page - Texas Instruments

Back Button CC3000MOD Datasheet HTML 6Page - Texas Instruments CC3000MOD Datasheet HTML 7Page - Texas Instruments CC3000MOD Datasheet HTML 8Page - Texas Instruments CC3000MOD Datasheet HTML 9Page - Texas Instruments CC3000MOD Datasheet HTML 10Page - Texas Instruments CC3000MOD Datasheet HTML 11Page - Texas Instruments CC3000MOD Datasheet HTML 12Page - Texas Instruments CC3000MOD Datasheet HTML 13Page - Texas Instruments CC3000MOD Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 19 page
background image
TOP VIEW
SIDE VIEW
CC3000MOD
Module Size: 16.3 x 13.5 x 2.0 mm
16.30
16.30
2.00
13.50
SWRS126-007
PC
USB cable
USB to serial
bridge
1.8 V
CC3000
WL_RS232_TX
WL_RS232_RX
SWRS126-017
WL_EN2
CC3000
SWRS126 – NOVEMBER 2012
www.ti.com
Test Mode Serial Interface
The CC3000 module contains a dedicated WLAN serial interface to connect to the CC3000 radio tests tool, an
external PC-based software test utility, during development and evaluation phase (see Figure 6 and Table 6).
The CC3000 radio test tool utility can be obtained from the CC3000 TI wiki (www.ti.com/connectivitywiki).
Figure 6. CC3000 Test Mode Serial Interface Connection
Table 6. CC3000 Test Mode Debug Interface Description
Signal Name
Function
WL_RS232_TX
Connection with CC3000 radio PC-based software(1)
WL_RS232_RX
(1)
WL_EN2 pins must be grounded while bringing up the CC3000 radio tool.
SURFACE MOUNT INFORMATION
The CC3000 module uses a flat shield cover designed for a fully automated assembly process. For baking and
reflow recommendations, follow MSL level 4 found in the JEDEC/IPC Standard J-STD-20b. The classification
temperature (TC) for the module is 250°C.
MECHANICAL INFORMATION
Module Mechanical Outline
Figure 7 shows the mechanical outline for the CC3000 module.
Figure 7. CC3000 Module Mechanical Outline
10
Submit Documentation Feedback
Copyright © 2012, Texas Instruments Incorporated
Product Folder Links: CC3000
Not Recommended For New Designs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com