Electronic Components Datasheet Search
  English  ▼

X  

CC3000MOD Datasheet(PDF) 7 Page - Texas Instruments

Part # CC3000MOD
Description  Module ??Wi-Fi 802.11b/g Network Processor
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CC3000MOD Datasheet(HTML) 7 Page - Texas Instruments

Back Button CC3000MOD Datasheet HTML 3Page - Texas Instruments CC3000MOD Datasheet HTML 4Page - Texas Instruments CC3000MOD Datasheet HTML 5Page - Texas Instruments CC3000MOD Datasheet HTML 6Page - Texas Instruments CC3000MOD Datasheet HTML 7Page - Texas Instruments CC3000MOD Datasheet HTML 8Page - Texas Instruments CC3000MOD Datasheet HTML 9Page - Texas Instruments CC3000MOD Datasheet HTML 10Page - Texas Instruments CC3000MOD Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 19 page
background image
SWRS126-004
Host capture
CC3000 launch
CC3000 capture
Host launch
T
c
lk
Tp
tin
tis
toh
tos
SPI_CLK
(at device die)
SPI_DIN
(data from host to device)
SPI_DOUT
(data from
host)
device to
SWRS126-016
MCU SPI
master
CC3000
SPI slave
SPI_CLK
SPI_CS
SPI_IRQ
SPI_DOUT
SPI_DIN
CC3000
www.ti.com
SWRS126 – NOVEMBER 2012
SPI HOST CONTROLLER INTERFACE
The SPI is the primary host interface to the CC3000 module.
The SPI interface contains the five-line, master and slave communication model shown in Figure 3.
Figure 3. SPI Host Connectivity
Table 3 highlights the CC3000 SPI pin names and functions.
Table 3. SPI Line Description
Pin Name
Description
SPI_CLK
Clock (0 to 16 MHz) from host to slave
SPI_CS(1)
CS (active low) signal from host to slave
SPI_DIN
Data from host to slave
SPI_IRQ(2)
Interrupt from slave to host
SPI_DOUT
Data from slave to host
(1)
SPI_CS selects a CC3000 module, indicating that a master wants to communicate to the device.
(2)
SPI_IRQ is a dual-purpose slave to the master direction line: in SPI IDLE state while no data transfer is active, driving SPI_IRQ low
indicates to the master that the CC3000 module has data to pass to it; driving SPI_IRQ low following SPI_CS deassertion indicates that
the CC3000 module is ready to receive data.
SPI Timing
Figure 4 shows the SPI timing sequence.
Figure 4. SPI Timing Sequence
Copyright © 2012, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: CC3000
Not Recommended For New Designs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com