Electronic Components Datasheet Search
  English  ▼

X  

DAC7731EB Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # DAC7731EB
Description  16-Bit, Voltage Output, Serial Input DIGITAL-TO-ANALOG CONVERTER
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DAC7731EB Datasheet(HTML) 3 Page - Texas Instruments

  DAC7731EB Datasheet HTML 1Page - Texas Instruments DAC7731EB Datasheet HTML 2Page - Texas Instruments DAC7731EB Datasheet HTML 3Page - Texas Instruments DAC7731EB Datasheet HTML 4Page - Texas Instruments DAC7731EB Datasheet HTML 5Page - Texas Instruments DAC7731EB Datasheet HTML 6Page - Texas Instruments DAC7731EB Datasheet HTML 7Page - Texas Instruments DAC7731EB Datasheet HTML 8Page - Texas Instruments DAC7731EB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 22 page
background image
DAC7731
3
SBAS249B
www.ti.com
DAC7731E
DAC7731EB
DAC7731EC
PARAMETER
CONDITIONS
MIN
TYP
MAX
MIN
TYP
MAX
MIN
TYP
MAX
UNITS
ACCURACY
Linearity Error (INL)
±6
±4
±3LSB
TA = 25°C
±5
±3
±2LSB
Differential Linearity Error (DNL)
±4
±2
±1LSB
Monotonicity
14
15
16
Bits
Offset Error
±0.1
✻✻
% of FSR
Offset Error Drift
±2
✻✻
ppm/
°C
Gain Error
With Internal REF
±0.4
±0.25
±0.15
% of FSR
With External REF
±0.25
±0.1
✻
% of FSR
Gain Error Drift
With Internal REF
±15
±10
±7
ppm/
°C
PSRR (VCC or VSS)
At Full-Scale
50
200
✻✻
✻
✻
ppm/V
ANALOG OUTPUT(1)
Voltage Output(2)
+11.4/–4.75
0 to 10
✻✻
V
+11.4/–11.4
±10
✻✻
V
+11.4/–6.4
±5
✻✻
V
Output Current
±5
✻✻
mA
Output Impeadance
0.1
✻✻
Ω
Maximum Load Capacitance
200
✻✻
pF
Short-Circuit Current
±15
✻✻
mA
Short-Circuit Duration
AGND
Indefinite
✻✻
REFERENCE
Reference Output
9.96
10
10.04
9.975
✻
10.025
✻✻
✻
V
REFOUT Impedance
400
✻✻
Ω
REFOUT Voltage Drift
±15
±10
±7
ppm/
°C
REFOUT Voltage Adjustment(3)
±25
✻✻
mV
REFIN Input Range(4)
4.75
VCC – 1.4
✻✻
✻
✻
V
REFIN Input Current
10
✻✻
nA
REFADJ Input Range
Absolute Max Value that
010
✻✻
✻
✻
V
can be applied is VCC
REFADJ Input Impedance
50
✻✻
k
Ω
VREF Output Current
–2+2
✻✻
✻
✻
mA
VREF Impedance
1
✻✻
Ω
DYNAMIC PERFORMANCE
Settling Time to
±0.003%
20V Output Step
3
5
✻✻
✻
✻
µs
RL = 5kΩ, CL = 200pF,
with external REFOUT
to REFIN filter(5)
Digital Feedthrough
2
✻✻
nV-s
Output Noise Voltage
at 10kHz
100
✻✻
nV/
√Hz
DIGITAL INPUT
VIH
|IH| < 10µA
0.7 • VDD
✻✻
V
VIL
|IL| < 10µA
0.3 • VDD
✻✻
V
DIGITAL OUTPUT
VOH
IOH = –0.8mA
3.6
✻✻
V
VOL
IOL = 1.6mA
0.4
✻✻
V
POWER SUPPLY
VDD
+4.75
+5.0
+5.25
✻✻✻
✻✻
✻
V
VCC
+11.4
+15.75
✻✻
✻
✻
V
VSS
Bipolar Operation
–15.75
–11.4
✻✻
✻
✻
V
Unipolar Opeation
–15.75
–4.75
✻✻
✻
✻
V
IDD
100
✻✻
µA
ICC
Unloaded
4
6
✻✻
✻
✻
mA
ISS
Unloaded
–4
–2.5
✻✻
✻✻
mA
Power
No Load, Ext. Reference
85
✻✻
mW
No Load, Int. Reference
100
150
✻✻
✻
✻
mW
TEMPERATURE RANGE
Specified Performance
–40
+85
✻✻
✻
✻
°C
✻ Specifications same as grade to the left.
NOTES: (1) With minimum VCC/VSS requirements, internal reference enabled.
(2) Please refer to the
Theory of Operation section for more information with respect to output voltage configurations.
(3) See Figure 11 for gain and offset adjustment connection diagrams when using the internal reference.
(4) The minimum value for REFIN must be equal to the greater of VSS +14V and +4.75V, where +4.75V is the minimum voltage allowed.
(5) Reference low-pass filter values: 100k
Ω, 1.0µF (see Figure 14).
ELECTRICAL CHARACTERISTICS
All specifications at TA = TMIN to TMAX, VCC = +15V, VSS = –15V, VDD = +5V, Internal refi⁄ence enabled, unless otherwise noted.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com