Electronic Components Datasheet Search
  English  ▼

X  

DAC7731EB Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # DAC7731EB
Description  16-Bit, Voltage Output, Serial Input DIGITAL-TO-ANALOG CONVERTER
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DAC7731EB Datasheet(HTML) 1 Page - Texas Instruments

  DAC7731EB Datasheet HTML 1Page - Texas Instruments DAC7731EB Datasheet HTML 2Page - Texas Instruments DAC7731EB Datasheet HTML 3Page - Texas Instruments DAC7731EB Datasheet HTML 4Page - Texas Instruments DAC7731EB Datasheet HTML 5Page - Texas Instruments DAC7731EB Datasheet HTML 6Page - Texas Instruments DAC7731EB Datasheet HTML 7Page - Texas Instruments DAC7731EB Datasheet HTML 8Page - Texas Instruments DAC7731EB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
16-Bit, Voltage Output, Serial Input
DIGITAL-TO-ANALOG CONVERTER
DESCRIPTION
The DAC7731 is a 16-bit Digital-to-Analog Converter (DAC)
which provides 16 bits of monotonic performance over the
specified operating temperature range and offers a +10V
internal reference. Designed for automatic test equipment
and industrial process control applications, the DAC7731
output swing can be configured in a
±10V, ±5V, or +10V
range. The flexibility of the output configuration allows the
DAC7731 to provide both unipolar and bipolar operation by
pin strapping. The DAC7731 includes a high-speed output
amplifier with a maximum settling time of 5
µs to ±0.003%
FSR for a 20V full-scale change and only consumes 100mW
(typical) of power.
The DAC7731 features a standard 3-wire, SPI-compatible
serial interface with double buffering to allow asynchronous
updates of the analog output as well as a serial data output
line for daisy-chaining multiple DAC7731s. A user program-
mable reset control forces the DAC output to either min-scale
(0000h) or mid-scale (8000h), overriding both the input and
DAC register values. The DAC7731 is available in a
SSOP-24 package and three performance grades specified
to operate from –40
°C to +85°C.
FEATURES
q LOW POWER: 150mW MAXIMUM
q +10V INTERNAL REFERENCE
q UNIPOLAR OR BIPOLAR OPERATION
q SETTLING TIME: 5
µs to ±0.003% FSR
q 16-BIT MONOTONICITY, –40
°C TO +85°C
q
±10V, ±5V, OR +10V CONFIGURABLE VOLTAGE
OUTPUT
q RESET TO ZERO OR MID-SCALE
q DOUBLE-BUFFERED DATA INPUT
q DAISY-CHAIN FEATURE FOR MULTIPLE
DAC7731s ON A SINGLE BUS
q SMALL SSOP-24 PACKAGE
APPLICATIONS
q PROCESS CONTROL
q ATE PIN ELECTRONICS
q CLOSED-LOOP SERVO CONTROL
q MOTOR CONTROL
q DATA ACQUISITION SYSTEMS
DAC7731
SBAS249B – DECEMBER 2001 – REVISED NOVEMBER 2007
www.ti.com
Copyright © 2001-2007, Texas Instruments Incorporated
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
Buffer
+10V
Reference
Control
Logic
Enable
Input
Register
DAC
Register
DAC
REFEN
RSTSEL
RST
LDAC
SCLK
CS
SDO
SDI
V
DD
V
SS VCC
REFADJ
REF
OUT
REF
IN
V
REF
R
OFFSET
RFB2
RFB1
SJ
V
OUT
AGND
DGND
DAC7
731
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
All trademarks are the property of their respective owners.


Similar Part No. - DAC7731EB

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
DAC7731EB BURR-BROWN-DAC7731EB Datasheet
360Kb / 17P
16-Bit, Voltage Output, Serial Input DIGITAL-TO-ANALOG CONVERTER
logo
Texas Instruments
DAC7731EB TI2-DAC7731EB Datasheet
499Kb / 23P
16-Bit, Voltage Output, Serial Input DIGITAL-TO-ANALOG CONVERTER
REVISED NOVEMBER 2007
DAC7731EB.A TI2-DAC7731EB.A Datasheet
499Kb / 23P
16-Bit, Voltage Output, Serial Input DIGITAL-TO-ANALOG CONVERTER
REVISED NOVEMBER 2007
DAC7731EB/1K TI2-DAC7731EB/1K Datasheet
499Kb / 23P
16-Bit, Voltage Output, Serial Input DIGITAL-TO-ANALOG CONVERTER
REVISED NOVEMBER 2007
DAC7731EB/1K.A TI2-DAC7731EB/1K.A Datasheet
499Kb / 23P
16-Bit, Voltage Output, Serial Input DIGITAL-TO-ANALOG CONVERTER
REVISED NOVEMBER 2007
More results

Similar Description - DAC7731EB

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
DAC7614 BURR-BROWN-DAC7614 Datasheet
483Kb / 12P
Quad, Serial Input, 12-Bit, Voltage Output DIGITAL-TO-ANALOG CONVERTER
DAC7734 BURR-BROWN-DAC7734 Datasheet
1Mb / 24P
16-Bit, Quad Voltage Output, Serial Input DIGITAL-TO-ANALOG CONVERTER
PCM56P BURR-BROWN-PCM56P Datasheet
94Kb / 9P
Serial Input 16-Bit Monolithic DIGITAL-TO-ANALOG CONVERTER
DAC7731 BURR-BROWN-DAC7731 Datasheet
360Kb / 17P
16-Bit, Voltage Output, Serial Input DIGITAL-TO-ANALOG CONVERTER
DAC7631 BURR-BROWN-DAC7631 Datasheet
428Kb / 18P
Serial Input, 16-Bit, Voltage Output DIGITAL-TO-ANALOG CONVERTER
logo
Texas Instruments
DAC8811 TI-DAC8811 Datasheet
421Kb / 15P
16-Bit, Serial Input Multiplying Digital-to-Analog Converter
DAC8811ICDGKT TI1-DAC8811ICDGKT Datasheet
979Kb / 21P
16-Bit, Serial Input Multiplying Digital-to-Analog Converter
DAC8811 TI1-DAC8811 Datasheet
1Mb / 29P
16-Bit, Serial Input Multiplying Digital-to-Analog Converter
DAC7734 TI1-DAC7734_14 Datasheet
1Mb / 31P
16-Bit, Quad Voltage Output, Serial Input DIGITAL-TO-ANALOG CONVERTER
DAC7631 TI1-DAC7631_09 Datasheet
606Kb / 22P
Serial Input, 16-Bit, Voltage Output DIGITAL-TO-ANALOG CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com