Electronic Components Datasheet Search
  English  ▼

X  

DAC7731EB Datasheet(PDF) 14 Page - Texas Instruments

Click here to check the latest version.
Part # DAC7731EB
Description  16-Bit, Voltage Output, Serial Input DIGITAL-TO-ANALOG CONVERTER
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DAC7731EB Datasheet(HTML) 14 Page - Texas Instruments

Back Button DAC7731EB Datasheet HTML 10Page - Texas Instruments DAC7731EB Datasheet HTML 11Page - Texas Instruments DAC7731EB Datasheet HTML 12Page - Texas Instruments DAC7731EB Datasheet HTML 13Page - Texas Instruments DAC7731EB Datasheet HTML 14Page - Texas Instruments DAC7731EB Datasheet HTML 15Page - Texas Instruments DAC7731EB Datasheet HTML 16Page - Texas Instruments DAC7731EB Datasheet HTML 17Page - Texas Instruments DAC7731EB Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 22 page
background image
DAC7731
14
SBAS249B
www.ti.com
REFERENCE
OUTPUT
PIN STRAPPING
VSJ(1)
CONFIGURATION CONFIGURATION ROFFSET
RFB1
RFB2
Internal
0V to +10V
to VREF to VOUT to VOUT
+5V
Reference
–10V to +10V
NC
NC
to VOUT +3.333V
–5V to +5V
to AGND to VOUT to VOUT +1.666V
External
0V to VREF
to VREF to VOUT to VOUT
VREF/2
Reference
–VREF to VREF
NC
NC
to VOUT
VREF/3
–VREF/2 to VREF/2 to AGND to VOUT to VOUT
VREF/6
NOTE: (1) Voltage measured at VSJ for a given configuration.
APPLICATIONS
GAIN AND OFFSET CALIBRATION
The architecture of the DAC7731 is designed in such a way
as to allow for easily configurable offset and gain calibration
using a minimum of external components. The DAC7731
has built-in feedback resistors and output amplifier summing
points brought out of the package in order to make the
absolute calibration possible. Figures 9 and 10 illustrate the
relationship of offset and gain adjustments for the DAC7731
in a unipolar configuration and in a bipolar configuration,
respectively.
at +10V – 1LSB for the 0V to +10V or
±10V output range and
+5V – 1LSB for the
±5V output range. Figure 11 shows the
generalized external offset and gain adjustment circuitry
using potentiometers.
FIGURE 9. Relationship of Offset and Gain Adjustments for
VOUT = 0V to +10V Output Configuration.
Digital Input
H
Input =
FFFF
H
Input =
0000
Gain Adjust
Rotates
the Line
1LSB
+ Full Scale
(+V
REF)
Zero Scale
(AGND)
Offset Adjust Translates the Line
FIGURE 10. Relationship of Offset and Gain Adjustments for
VOUT = –10V to +10V Output Configuration. (Same
Theory Applies for VOUT = –5V to +5V.)
Digital Input
Input =
0000
H
Gain
Adjust
Rotates
the Line
1LSB
+ Full
Scale
– Full-Scale
(–V
REF OR –VREF/2)
Offset
Adjust
Translates
the Line
H
Input =
FFFF
Input = 8000
H
(+V
REF or +VREF/2)
When calibrating the DAC output, offset should be adjusted
first to avoid first order interaction of adjustments. In unipolar
mode, the DAC7731 offset is adjusted from code 0000H and
for either bipolar mode, offset adjustments are made at code
8000H. Gain adjustment can then be made at code FFFFH for
each configuration, where the output of the DAC should be
FIGURE 11. Generalized External Calibration Circuitry for
Gain and Symmetrical Offset Adjustment.
DAC7731
Optional Gain
Adjust
Optional Offset
Adjust
R
1
R
POT2
R
POT1
R
S
V
OADJ
(Other Connections Omitted
for Clarity)
+
–
I
SJ
OFFSET ADJUSTMENT
Offset adjustment is accomplished by introducing a small
current into the summing junction (SJ) of the DAC7731. The
voltage at SJ, or VSJ, is dependent on the output configura-
tion of the DAC7731. See Table IV for the required pin
strapping for a given configuration and the nominal values of
VSJ for each output range.
TABLE IV. Nominal VSJ versus VOUT and Reference Configu-
ration.
The current level required to adjust the DAC7731’s offset can
be created by using a potentiometer divider as shown in
Figure 11 Another alternative is to use a unipolar DAC in order
to apply a voltage, VOADJ, to the resistor RS. A ±2uA current
range applied to SJ will ensure offset adjustment coverage of
the
±0.1% maximum offset specification of the DAC7731.
When in a unipolar configuration (VSJ = 5V), only a single
resistor, RS, is needed for symmetrical offset adjustment with
a 0V to 10V VOADJ range. When in one of the two bipolar
configurations, VSJ is either +3.333V (±10V range) or +1.666V
(
±5V range), and circuit values chosen to match those given
in Table V will provide symmetrical offset adjust. Please refer
to Figure 11 for component configuration.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com