Electronic Components Datasheet Search
  English  ▼

X  

DAC7731EB Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # DAC7731EB
Description  16-Bit, Voltage Output, Serial Input DIGITAL-TO-ANALOG CONVERTER
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DAC7731EB Datasheet(HTML) 7 Page - Texas Instruments

Back Button DAC7731EB Datasheet HTML 3Page - Texas Instruments DAC7731EB Datasheet HTML 4Page - Texas Instruments DAC7731EB Datasheet HTML 5Page - Texas Instruments DAC7731EB Datasheet HTML 6Page - Texas Instruments DAC7731EB Datasheet HTML 7Page - Texas Instruments DAC7731EB Datasheet HTML 8Page - Texas Instruments DAC7731EB Datasheet HTML 9Page - Texas Instruments DAC7731EB Datasheet HTML 10Page - Texas Instruments DAC7731EB Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 22 page
background image
DAC7731
7
SBAS249B
www.ti.com
TYPICAL CHARACTERISTICS (Cont.)
TA = +25°C (unless otherwise noted).
10
0
–10
–20
–30
–40
–50
–60
–70
–80
0.1K
1K
10K
100K
1M
10M
Frequency (Hz)
Bipolar Configuration:
±10V V
OUT
Code 8000
H
–V
SS, VCC = 15V + 1Vp-p
V
DD = 5V + 0.5Vp-p
V
SS
V
CC
V
DD
POWER-SUPPY REJECTION RATIO vs FREQUENCY
(Measured at V
OUT)
10
0
–10
–20
–30
–40
–50
–60
–70
–80
0.01K
0.1K
1K
10K
100K
1M
10M
POWER-SUPPY REJECTION RATIO vs FREQUENCY
(Measured at V
OUT)
Frequency (Hz)
V
SS
V
CC
V
DD
Bipolar Configuration:
±10V V
OUT, Code FFFFH
–V
SS, VCC = 15V + 1Vp-p, VDD = 5V + 0.5Vp-p
INTERNAL REFERENCE START-UP
Time (2ms/div)
0V
15V
0V
10V
10.015
10.010
10.005
10.000
9.995
9.990
9.985
–40
–15
10
35
60
85
Temperature (
°C)
INTERNAL REFERENCE OUTPUT vs TEMPERATURE
Source
Sink
OUTPUT VOLTAGE vs R
LOAD
12
8
4
0
–4
–8
–12
0.0
0.1
1.0
10.0
100.0
R
LOAD (kΩ)
Loaded to V
CC
V
CC = +15V
Loaded to AGND
11.0
10.5
10.0
9.5
9.0
8.5
REF
OUT LOAD(kΩ)
REF
OUT VOLTAGE vs LOAD
1
10
100
1K



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com