Electronic Components Datasheet Search
  English  ▼

X  

DAC7731EB Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # DAC7731EB
Description  16-Bit, Voltage Output, Serial Input DIGITAL-TO-ANALOG CONVERTER
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DAC7731EB Datasheet(HTML) 9 Page - Texas Instruments

Back Button DAC7731EB Datasheet HTML 5Page - Texas Instruments DAC7731EB Datasheet HTML 6Page - Texas Instruments DAC7731EB Datasheet HTML 7Page - Texas Instruments DAC7731EB Datasheet HTML 8Page - Texas Instruments DAC7731EB Datasheet HTML 9Page - Texas Instruments DAC7731EB Datasheet HTML 10Page - Texas Instruments DAC7731EB Datasheet HTML 11Page - Texas Instruments DAC7731EB Datasheet HTML 12Page - Texas Instruments DAC7731EB Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 22 page
background image
DAC7731
9
SBAS249B
www.ti.com
TYPICAL CHARACTERISTICS (Cont.)
TA = +25°C (unless otherwise noted).
Unipolar Configuration: V
OUT = 0V to +10V
+Full-Scale to Zero-Scale Change
5k
Ω, 200pF Load
Large-Signal Output (5V/div)
UNIPOLAR FULL-SCALE SETTLING TIME
Time (2
µs/div)
Small-Signal Error (150
µV/div)
Bipolar Configuration: V
OUT = –10 to +10V
+Full-Scale to –Full-Scale
5k
Ω, 200pF Load
Large-Signal Output (5V/div)
BIPOLAR FULL-SCALE SETTLING TIME
Time (2
µs/div)
Small-Signal Error (300
µV/div)
Code 8000
H to 7FFFH
Bipolar Configuration:
±10V V
OUT
MID-SCALE GLITCH
Time (1
µs/div)
MID-SCALE GLITCH
Time (1
µs/div)
Code 7FFF
H to 8000H
Bipolar Configuration:
±10V V
OUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com