Electronic Components Datasheet Search
  English  ▼

X  

DAC7731EB Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # DAC7731EB
Description  16-Bit, Voltage Output, Serial Input DIGITAL-TO-ANALOG CONVERTER
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DAC7731EB Datasheet(HTML) 5 Page - Texas Instruments

  DAC7731EB Datasheet HTML 1Page - Texas Instruments DAC7731EB Datasheet HTML 2Page - Texas Instruments DAC7731EB Datasheet HTML 3Page - Texas Instruments DAC7731EB Datasheet HTML 4Page - Texas Instruments DAC7731EB Datasheet HTML 5Page - Texas Instruments DAC7731EB Datasheet HTML 6Page - Texas Instruments DAC7731EB Datasheet HTML 7Page - Texas Instruments DAC7731EB Datasheet HTML 8Page - Texas Instruments DAC7731EB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 22 page
background image
DAC7731
5
SBAS249B
www.ti.com
TYPICAL CHARACTERISTICS
TA = +25°C (unless otherwise noted).
6
4
2
0
–2
–4
–6
2.0
1.5
1.0
0.5
0.0
–0.5
–1.0
–1.5
–2.0
LINEARITY ERROR AND DIFFERENTIAL
LINEARITY ERROR vs DIGITAL INPUT CODE
0000
H 2000H
4000
H 6000H 8000H
Digital Input Code
A000
H C000H E000H FFFFH
Bipolar Configuration: V
OUT = –10V to +10V
T
A = 85°C, Internal Reference Enabled
6
4
2
0
–2
–4
–6
2.0
1.5
1.0
0.5
0.0
–0.5
–1.0
–1.5
–2.0
LINEARITY ERROR AND DIFFERENTIAL
LINEARITY ERROR vs DIGITAL INPUT CODE
0000
H 2000H
4000
H 6000H 8000H
Digital Input Code
A000
H C000H E000H FFFFH
Bipolar Configuration: V
OUT = –10V to +10V
T
A = 25°C, Internal Reference Enabled
6
4
2
0
–2
–4
–6
2.0
1.5
1.0
0.5
0.0
–0.5
–1.0
–1.5
–2.0
LINEARITY ERROR AND DIFFERENTIAL
LINEARITY ERROR vs DIGITAL INPUT CODE
0000
H 2000H
4000
H 6000H 8000H
Digital Input Code
A000
H C000H E000H FFFFH
Bipolar Configuration: V
OUT = –10V to +10V
T
A = –40°C, Internal Reference Enabled
Ext. Ref, Unipolar Mode: V
OUT = 0 to +10V
Int. Ref, Unipolar Mode: V
OUT = 0 to +10V
Ext. Ref, Bipolar Mode: V
OUT = –10 to +10V
Int. Ref, Bipolar Mode: V
OUT = –10 to +10V
0.000
–0.010
–0.020
–0.030
–0.040
–0.050
–0.060
–0.070
–0.080
–0.090
–0.100
–40
–15
10
35
60
85
Temperature (
°C)
GAIN ERROR vs TEMPERATURE
Load = 200pF, 2k
Ω
4.4
4.3
4.2
4.1
4.0
3.9
3.8
3.7
0000
H 2000H
4000
H 6000H 8000H
Digital Input Code
A000
H C000H E000H FFFFH
V
CC SUPPLY CURRENT vs DIGITAL INPUT CODE
Bipolar Configuration: V
OUT = –10V to +10V
Internal Reference Enabled, T
A = 25°C
1.00
0.75
0.50
0.25
0.00
–0.25
–0.50
–0.75
–1.00
OFFSET ERROR vs TEMPERATURE
–40
–15
10
35
60
85
Temperature (
°C)
V
OUT = 0 to +10V
V
OUT = –10 to +10V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com