Electronic Components Datasheet Search
  English  ▼

X  

DDC232 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # DDC232
Description  32-Channel, Current-Input Analog-to-Digital Converter
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DDC232 Datasheet(HTML) 3 Page - Texas Instruments

  DDC232 Datasheet HTML 1Page - Texas Instruments DDC232 Datasheet HTML 2Page - Texas Instruments DDC232 Datasheet HTML 3Page - Texas Instruments DDC232 Datasheet HTML 4Page - Texas Instruments DDC232 Datasheet HTML 5Page - Texas Instruments DDC232 Datasheet HTML 6Page - Texas Instruments DDC232 Datasheet HTML 7Page - Texas Instruments DDC232 Datasheet HTML 8Page - Texas Instruments DDC232 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 34 page
background image
DDC232
www.ti.com
SBAS331D – AUGUST 2004 – REVISED APRIL 2010
ELECTRICAL CHARACTERISTICS
At TA = +25°C, AVDD = +5V, DVDD = +3.0V, VREF = +4.096V, tINT = 333ms for DDC232C or 166ms for DDC232CK,
Range 7, and continuous mode operation, unless otherwise noted.
DDC232C
DDC232CK
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
MIN
TYP
MAX
UNIT
ANALOG INPUT RANGE
Range 0
12.5
12.5
pC
Range 1
45
50
55
45
50
55
pC
Range 2
90
100
110
90
100
110
pC
Range 3
135
150
165
135
150
165
pC
Range 4
180
200
220
180
200
220
pC
Range 5
225
250
275
225
250
275
pC
Range 6
270
300
330
270
300
330
pC
Range 7
315
350
385
315
350
385
pC
Negative Full-Scale Range
–0.4% of Positive Full-Scale Range
–0.4% of Positive Full-Scale Range
pC
DYNAMIC CHARACTERISTICS
Data Rate
3
3.125
6
6.2
kSPS
Integration Time, tINT
Continuous Mode
320
1,000,000
160
1,000,000
ms
Noncontinuous Mode
50
50
ms
System Clock (CLK)
Clk_4x = 0
1
5
1
10
MHz
Clk_4x = 1
4
20
4
40
MHz
Data Clock (DCLK)
20
20
MHz
Configuration Clock (CLK_CFG)
20
20
MHz
ACCURACY
Noise, Low-Level Input
(1)
CSENSOR
(2) = 50pF
5.3
7
5.3
7
ppm of FSR
(3), rms
Integral Linearity Error
(4)
±0.025% Reading ± 1.0ppm FSR, typ
±0.025% Reading ± 1.0ppm FSR, typ
±0.05% Reading ± 1.5ppm FSR, max
±0.05% Reading ± 1.5ppm FSR, max
Resolution
No Missing Codes, Format = 1
20
19
(5)
Bits
No Missing Codes, Format = 0
16
16
Bits
Input Bias Current
±0.1
±10
±0.1
±10
pA
Range Error Match
(6)
0.1
0.5
0.1
0.5
% of FSR
Range Sensitivity to VREF
VREF = 4.096 ±0.1V
1:1
1:1
Offset Error
±200
±1000
±200
±1000
ppm of FSR
Offset Error Match
(6)
±100
±100
ppm of FSR
DC Bias Voltage
(7)
Low-Level Input (< 1% FSR)
±0.1
±2
±0.1
±2
mV
Power-Supply Rejection Ratio
at DC
100
±800
100
±800
ppm of FSR/V
(1)
Input is less than 1% of full-scale.
(2)
CSENSOR is the capacitance seen at the DDC232 inputs from wiring, photodiode, etc.
(3)
FSR is Full-Scale Range.
(4)
A best-fit line is used in measuring nonlinearity.
(5)
Output word is 20 bits with 19 bits no missing codes.
(6)
Matching between side A and side B of the same input.
(7)
Voltage produced by the DDC232 at its input that is applied to the sensor.
Copyright © 2004–2010, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Link(s): DDC232



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com