Electronic Components Datasheet Search
  English  ▼

X  

DDC232 Datasheet(PDF) 12 Page - Texas Instruments

Click here to check the latest version.
Part # DDC232
Description  32-Channel, Current-Input Analog-to-Digital Converter
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DDC232 Datasheet(HTML) 12 Page - Texas Instruments

Back Button DDC232 Datasheet HTML 8Page - Texas Instruments DDC232 Datasheet HTML 9Page - Texas Instruments DDC232 Datasheet HTML 10Page - Texas Instruments DDC232 Datasheet HTML 11Page - Texas Instruments DDC232 Datasheet HTML 12Page - Texas Instruments DDC232 Datasheet HTML 13Page - Texas Instruments DDC232 Datasheet HTML 14Page - Texas Instruments DDC232 Datasheet HTML 15Page - Texas Instruments DDC232 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 34 page
background image
Configuration
Register
Data
Write Configuration Register Data
Configuration Register Operations
Test Pattern
Read Configuration Register
and Test Pattern
RESET
CLK_CFG
DIN_CFG
DCLK
DOUT
CONV
Normal Operation
t
WTWR
t
WTRST
MSB
LSB
MSB
LSB
t
STCF
t
RST
t
HDCF
DDC232
SBAS331D – AUGUST 2004 – REVISED APRIL 2010
www.ti.com
NOTE: CLK must be running during Configuration Register write and read operations.
Figure 8. Configuration Register Write and Read Operations
Table 6. Timing for the Configuration Register Read/Write
SYMBOL
DESCRIPTION
MIN
TYP
MAX
UNITS
tWTRST
Wait Required from Reset High to First Rising Edge of CLK_CFG
2
ms
Wait Required from Last CLK-CFG of Write Operation to
tWTWR
2
ms
First CLK_CFG of Read Operation
tSTCF
Set-Up Time from DIN_CFG to Falling Edge of CLK_CFG
10
ns
tHDCF
Hold Time for DIN_CFG After Falling Edge of CLK_CFG
10
ns
tRST
Pulse Width for RESET Active
1
ms
12
Submit Documentation Feedback
Copyright © 2004–2010, Texas Instruments Incorporated
Product Folder Link(s): DDC232



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com