Electronic Components Datasheet Search
  English  ▼

X  

DDC232 Datasheet(PDF) 14 Page - Texas Instruments

Click here to check the latest version.
Part # DDC232
Description  32-Channel, Current-Input Analog-to-Digital Converter
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DDC232 Datasheet(HTML) 14 Page - Texas Instruments

Back Button DDC232 Datasheet HTML 10Page - Texas Instruments DDC232 Datasheet HTML 11Page - Texas Instruments DDC232 Datasheet HTML 12Page - Texas Instruments DDC232 Datasheet HTML 13Page - Texas Instruments DDC232 Datasheet HTML 14Page - Texas Instruments DDC232 Datasheet HTML 15Page - Texas Instruments DDC232 Datasheet HTML 16Page - Texas Instruments DDC232 Datasheet HTML 17Page - Texas Instruments DDC232 Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 34 page
background image
RESET
> 1
µs
DDC232
SBAS331D – AUGUST 2004 – REVISED APRIL 2010
www.ti.com
DIGITAL INTERFACE
DVALID
eliminates
any
concern
about
this
relationship. If the data read back is timed from
The digital interface of the DDC232 outputs the digital
CONV, make sure to wait for the required amount of
results via a synchronous serial interface consisting
time. For Continuous mode, this time is given by
of a data clock (DCLK), a valid data pin (DVALID), a
tCMDR. For Noncontinuous mode, use tNCDR1 or tNCDR2,
serial data output pin (DOUT), and a serial data input
as appropriate. See Table 9 for details.
pin (DIN). The integration and conversion process is
fundamentally independent of the data retrieval
Reset (RESET)
process.
Consequently,
the
CLK
and
DCLK
frequencies need not be the same, though for best
The DDC232 is reset asynchronously by taking the
performance, it is highly recommended that they be
RESET input low, as shown in Figure 9. Make sure
derived from the same clocking source to keep the
the release pulse is at least 1ms wide. After resetting
phase relationship constant. DIN is only used when
the DDC232, wait at least four conversions before
multiple converters are cascaded and should be tied
using the data. It is very important that RESET is
to DGND otherwise. Depending on tINT, CLK, and
glitch-free to avoid unintentional resets.
DCLK,
it
is
possible
to
daisy-chain
multiple
converters. This greatly simplifies the interconnection
and routing of the digital outputs in those applications
where a large number of converters are needed.
Configuration of the DDC232 is set by a dedicated
register
addressed
using
the
DIN_CFG
and
CLK_CFG pins.
Figure 9. Reset Timing
System and Data Clocks (CLK and CONV)
The system clock is supplied to CLK and the data
Conversion Rate
clock is supplied to DCLK. It is recommended that the
The conversion rate of the DDC232 is set by a
CLK pin be driven by a free-running clock source
combination of the integration time (determined by
(that is, do not start and stop CLK between
the user) and the speed of the A/D conversion
conversions). Make sure the clock signals are
process. The A/D conversion time is primarily a
clean—avoid
overshoot
or
ringing.
For
best
function of the system clock (CLK) speed. One A/D
performance, generate both clocks from the same
conversion cycle encompasses the conversion of two
clock source. DCLK should be disabled by taking it
signals (one side of each dual integrator feeding the
low after the data has been shifted out or while
modulator) and the reset time for each of the
CONV is transitioning.
integrators involved in the two conversions. In most
When using multiple DDC232s, pay close attention to
situations, the A/D conversion time is shorter than the
the DCLK distribution on the printed circuit board
integration time. If this condition exists, the DDC232
(PCB). In particular, make sure to minimize skew in
will operate in the continuous mode. When the
the DCLK signal because this can lead to timing
DDC232 is in the continuous mode, the sensor output
violations in the serial interface specifications. See
is continuously integrated by one of the two sides of
the Cascading Multiple Converters section for more
each input.
details.
In the event that the A/D conversion takes longer
than the integration time, the DDC232 will switch into
Data Valid (DVALID)
a Noncontinuous mode. In Noncontinuous mode, the
The DVALID signal indicates that data are ready.
A/D converter is not able to keep pace with the speed
Data retrieval may begin after DVALID goes low. This
of
the
integration
process.
Consequently,
the
signal is generated using an internal clock divided
integration process is periodically halted until the
down from the system clock, CLK. The phase
digitizing process catches up. These two basic modes
relationship between this internal clock and CLK is
of
operation
for
the
DDC232—Continuous
and
set when power is first applied and is random. Since
Noncontinuous modes—are described below.
the user must synchronize CONV with CLK, the
DVALID signal will have a random phase relationship
with CONV. This uncertainty is ±1/fCLK. Polling
14
Submit Documentation Feedback
Copyright © 2004–2010, Texas Instruments Incorporated
Product Folder Link(s): DDC232



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com