Electronic Components Datasheet Search
  English  ▼

X  

DDC232 Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # DDC232
Description  32-Channel, Current-Input Analog-to-Digital Converter
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DDC232 Datasheet(HTML) 7 Page - Texas Instruments

Back Button DDC232 Datasheet HTML 3Page - Texas Instruments DDC232 Datasheet HTML 4Page - Texas Instruments DDC232 Datasheet HTML 5Page - Texas Instruments DDC232 Datasheet HTML 6Page - Texas Instruments DDC232 Datasheet HTML 7Page - Texas Instruments DDC232 Datasheet HTML 8Page - Texas Instruments DDC232 Datasheet HTML 9Page - Texas Instruments DDC232 Datasheet HTML 10Page - Texas Instruments DDC232 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 34 page
background image
Serial
Interface
DVALID
DCLK
DOUT
DIN
Configuration
and
Control
IN2
IN1
DGND
AGND
IN4
IN3
IN30
IN29
DS
ADC
IN32
IN31
CLK
CONV
DIN_CFG
CLK_CFG
RESET
Dual
Switched
Integrator
Dual
Switched
Integrator
Dual
Switched
Integrator
Dual
Switched
Integrator
Dual
Switched
Integrator
Dual
Switched
Integrator
Dual
Switched
Integrator
Dual
Switched
Integrator
VREF
DVDD
AVDD
0.1 F
m
0.1 F
m
0.1 F
m
DS
ADC
DS
ADC
DS
ADC
DDC232
www.ti.com
SBAS331D – AUGUST 2004 – REVISED APRIL 2010
THEORY OF OPERATION
GENERAL DESCRIPTION
converters via multiplexers. With the DDC232 in the
The block diagram of the DDC232 is shown in
continuous integration mode, the output of the
Figure 2. The device contains 32 identical input
integrators from one side of the inputs will be digitized
channels
that
perform
the
function
of
while the other 32 integrators are in the integration
current-to-voltage
integration
followed
by
a
mode. This integration and A/D conversion process is
multiplexed A/D conversion. Each input has two
controlled by the system clock, CLK. The results from
integrators so that the current-to-voltage integration
side A and side B of each signal input are stored in a
can be continuous in time. The output of the 64
serial output shift register. The DVALID output goes
integrators are switched to 16 delta-sigma (
∆Σ)
low when the shift register contains valid data.
Figure 2. DDC232 Block Diagram
Copyright © 2004–2010, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Link(s): DDC232



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com