Electronic Components Datasheet Search
  English  ▼

X  

DDC232 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # DDC232
Description  32-Channel, Current-Input Analog-to-Digital Converter
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DDC232 Datasheet(HTML) 1 Page - Texas Instruments

  DDC232 Datasheet HTML 1Page - Texas Instruments DDC232 Datasheet HTML 2Page - Texas Instruments DDC232 Datasheet HTML 3Page - Texas Instruments DDC232 Datasheet HTML 4Page - Texas Instruments DDC232 Datasheet HTML 5Page - Texas Instruments DDC232 Datasheet HTML 6Page - Texas Instruments DDC232 Datasheet HTML 7Page - Texas Instruments DDC232 Datasheet HTML 8Page - Texas Instruments DDC232 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 34 page
background image
Serial
Interface
DVALID
DCLK
DOUT
DIN
Configuration
and
Control
IN2
IN1
DGND
AGND
IN4
IN3
IN30
IN29
DS
ADC
IN32
IN31
CLK
CONV
DIN_CFG
CLK_CFG
RESET
Dual
Switched
Integrator
Dual
Switched
Integrator
Dual
Switched
Integrator
Dual
Switched
Integrator
Dual
Switched
Integrator
Dual
Switched
Integrator
Dual
Switched
Integrator
Dual
Switched
Integrator
VREF
DVDD
AVDD
0.1 F
m
0.1 F
m
0.1 F
m
DS
ADC
DS
ADC
DS
ADC
DDC232
www.ti.com
SBAS331D – AUGUST 2004 – REVISED APRIL 2010
32-Channel, Current-Input
Analog-to-Digital Converter
Check for Samples: DDC232
The DDC232 uses a +5V analog supply and a +2.7V
1
FEATURES
to
+3.6V
digital
supply.
Operating
over
the
2
•
Single-Chip Solution to Directly Measure 32
temperature range of 0°C to +70°C, the DDC232
Low-Level Currents
BGA-64 package is offered in two versions: the
•
High-Precision, True Integrating Function
DDC232C
for
low-power
applications,
and
the
DDC232CK when higher speeds are required.
•
Integral Linearity:
±0.025% of Reading ±1.0ppm of FSR
•
Very Low Noise: 5.3ppm of FSR
•
Low Power: 7mW/channel
•
Adjustable Full-Scale Range
•
Adjustable Speed
–
Data Rate up to 6kSPS
–
Integration Times as low as 166.5ms
•
Daisy-Chainable Serial Interface
•
In-Package Bypass Capacitors Simplify PCB
Design
APPLICATIONS
•
CT Scanner DAS
•
Photodiode Sensors
•
X-Ray Detection Systems
DESCRIPTION
The DDC232 is a 20-bit, 32-channel, current-input
analog-to-digital (A/D) converter. It combines both
current-to-voltage and A/D conversion so that 32
separate low-level current output devices, such as
photodiodes, can be directly connected to its inputs
and digitized.
For each of the 32 inputs, the DDC232 provides a
dual-switched integrator front-end. This configuration
allows for continuous current integration: while one
integrator is being digitized by the onboard A/D
converter, the other is integrating the input current.
Adjustable integration times range from 166ms to 1s,
allowing currents from fAs to mAs to be continuously
measured with outstanding precision.
Protected by US Patent #5841310
The DDC232 has a serial interface designed for
daisy-chaining
in
multi-device
systems.
Simply
connect the output of one device to the input of the
next to create the chain. Common clocking feeds all
the devices in the chain so that the digital overhead
in a multi-DDC232 system is minimal.
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
All trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2004–2010, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - DDC232

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
DDC232 BURR-BROWN-DDC232 Datasheet
303Kb / 28P
32-Channel, Current-Input Analog-to-Digital Converter
logo
Texas Instruments
DDC232 TI1-DDC232 Datasheet
977Kb / 34P
32-Channel, Current-Input Analog-to-Digital Converter
DDC232 TI1-DDC232 Datasheet
1Mb / 36P
32-Channel, Current-Input Analog-to-Digital Converter
DDC232 TI2-DDC232 Datasheet
534Kb / 35P
32-Channel, Current-Input Analog-to-Digital Converter
REVISED APRIL 2010
DDC232C TI1-DDC232C Datasheet
1Mb / 36P
32-Channel, Current-Input Analog-to-Digital Converter
More results

Similar Description - DDC232

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
DDC118 BURR-BROWN-DDC118 Datasheet
384Kb / 30P
Octal Current Input 20-Bit Analog-To-Digital Converter
DDC232 BURR-BROWN-DDC232 Datasheet
303Kb / 28P
32-Channel, Current-Input Analog-to-Digital Converter
logo
Texas Instruments
DDC316 TI-DDC316 Datasheet
391Kb / 24P
16-Channel, Current-Input Analog-to-Digital Converter
DDC264 TI1-DDC264 Datasheet
482Kb / 26P
64-Channel, Current-Input Analog-to-Digital Converter
DDC1128 TI1-DDC1128 Datasheet
657Kb / 9P
128-Channel, Current-Input Analog-to-Digital Converter
DDC2256A TI1-DDC2256A Datasheet
170Kb / 7P
256-Channel, Current-Input Analog-To-Digital Converter
DDC316 TI1-DDC316_17 Datasheet
1Mb / 28P
16-Channel, Current-Input Analog-to-Digital Converter
DDC232 TI1-DDC232_17 Datasheet
977Kb / 34P
32-Channel, Current-Input Analog-to-Digital Converter
DDC232 TI1-DDC232_V01 Datasheet
1Mb / 36P
32-Channel, Current-Input Analog-to-Digital Converter
DDC3256 TI1-DDC3256 Datasheet
614Kb / 9P
DDC3256 256-Channel, Current-Input Analog-To-Digital Converter
JUNE 2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com