Electronic Components Datasheet Search
  English  ▼

X  

DLPA2000 Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # DLPA2000
Description  0.2 WVGA DMD
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DLPA2000 Datasheet(HTML) 11 Page - Texas Instruments

Back Button DLPA2000 Datasheet HTML 7Page - Texas Instruments DLPA2000 Datasheet HTML 8Page - Texas Instruments DLPA2000 Datasheet HTML 9Page - Texas Instruments DLPA2000 Datasheet HTML 10Page - Texas Instruments DLPA2000 Datasheet HTML 11Page - Texas Instruments DLPA2000 Datasheet HTML 12Page - Texas Instruments DLPA2000 Datasheet HTML 13Page - Texas Instruments DLPA2000 Datasheet HTML 14Page - Texas Instruments DLPA2000 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 41 page
background image
11
DLP2010
www.ti.com
DLPS046B – JULY 2014 – REVISED JULY 2016
Product Folder Links: DLP2010
Submit Documentation Feedback
Copyright © 2014–2016, Texas Instruments Incorporated
(1)
Specification is for LS_CLK and LS_WDATA pins. Refer to LPSDR input rise slew rate and fall slew rate in Figure 3.
(2)
Specification is for DMD_DEN_ARSTZ pin. Refer to LPSDR input rise and fall slew rate in Figure 3.
(3)
Window time derating example: 0.5-V/ns slew rate increases the window time by 0.7 ns, from 3 to 3.7 ns.
(4)
Specification is for SubLVDS receiver time only and does not take into account commanding and latency after commanding.
6.7 Timing Requirements
Device electrical characteristics are over Recommended Operating Conditions unless otherwise noted.
MIN
NOM
MAX
UNIT
LPSDR
tR
Rise slew rate(1)
(30% to 80%) × VDD, Figure 3
1
3
V/ns
tV
Fall slew rate(1)
(70% to 20%) × VDD, Figure 3
1
3
V/ns
tR
Rise slew rate(2)
(20% to 80%) × VDD, Figure 3
0.25
V/ns
tF
Fall slew rate(2)
(80% to 20%) × VDD, Figure 3
0.25
V/ns
tC
Cycle time LS_CLK,
Figure 2
7.7
8.3
ns
tW(H)
Pulse duration LS_CLK
high
50% to 50% reference points,Figure 2
3.1
ns
tW(L)
Pulse duration LS_CLK
low
50% to 50% reference points, Figure 2
3.1
ns
tSU
Setup time
LS_WDATA valid before LS_CLK
↑, Figure 2
1.5
ns
tH
Hold time
LS_WDATA valid after LS_CLK
↑, Figure 2
1.5
ns
tWINDOW
Window time(1)(3)
Setup time + Hold time, Figure 2
3
ns
tDERATING
Window time derating(1)(3)
For each 0.25 V/ns reduction in slew rate below
1 V/ns, Figure 5
0.35
ns
SubLVDS
tR
Rise slew rate
20% to 80% reference points, Figure 4
0.7
1
V/ns
tF
Fall slew rate
80% to 20% reference points, Figure 4
0.7
1
V/ns
tC
Cycle time LS_CLK,
Figure 6
1.61
1.67
ns
tW(H)
Pulse duration DCLK high
50% to 50% reference points, Figure 6
0.71
ns
tW(L)
Pulse duration DCLK low
50% to 50% reference points, Figure 6
0.71
ns
tSU
Setup time
D(0:3) valid before
DCLK
↑ or DCLK ↓, Figure 6
tH
Hold time
D(0:3) valid after
DCLK
↑ or DCLK ↓, Figure 6
tWINDOW
Window time
Setup time + Hold time, Figure 6, Figure 7
0.3
ns
tLVDS-
ENABLE+REFGEN
Power-up receiver(4)
2000
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com